Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-DAC16W/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-DAC16W/Q
Description  Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DAC16W/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-DAC16W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-DAC16W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-DAC16W/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-DAC16W/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-DAC16W/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-DAC16W/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-DAC16W/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R3-DAC16
R3-DAC16 SPECIFICATIONS
ES-8459 Rev.7 Page 2/7
https://www.m-system.co.jp/
max.)
ON voltage/current: ≥ 11 V, ≥ 2.5 mA
OFF voltage/current: ≤ 6 V, ≤ 1.3 mA
OUTPUT SPECIFICATIONS
Number of output: 8 points
Common: All 8 points (2 terminals)
Common current: Max. 2 A (total of 2 terminals)
Rated load:
250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 30 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Output ON time accuracy: ±10 % max. for 1 sec. or less
setting; ±0.1 sec. max. for 1 sec. or more setting
Data allocation: 1
Current consumption: 130 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input to output
to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■OUTPUT HOLD or OUTPUT OFF
In normal conditions, the module outputs the signal from
the preferred bus A.
When an error is detected, the output is switched to the
data from the bus B.
• Output Hold
If both are in error, the module holds the signal and stands
by until one of the communications recovers.
• Output OFF
If both are in error, the module outputs OFF signals and
stands by until one of the communications recovers.
At the startup, it outputs OFF until the communication is
established and normal data is received.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com