Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8068932 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8068932
Description  Quarter turn actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8068932 Datasheet(HTML) 1 Page - Festo Corporation.

  8068932 Datasheet HTML 1Page - Festo Corporation. 8068932 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quarter turn actuator
DFPD-N-900-RP-90-RD-F14
Part number: 8068932
Data sheet
Feature
Value
Size of valve actuator
900
Flange hole pattern
F14
Swivel angle
90 deg
End-position adjusting range at 0°
-5 deg ... 5 deg
End-position adjusting range at nominal swivel angle
-5 deg ... 5 deg
Depth shaft connection
38 mm
Type code
DFPD
Standard connection for valve
ISO 5211
Mounting position
Any
Mode of operation
Double-acting
Design
Gear rack/pinion
Closing direction
Clockwise closing
Symbol
00991265
Valve connection conforms to standard
VDI/VDE 3845 (NAMUR)
Connection for valve positioner and position sensor conforms to
standard
VDI/VDE 3845 size AA 3
Devices type according to VDMA 66413
Safety device
Safety function
The fundamental safety function is the execution of a complete working
stroke (opening and closing of the process valve) within a defined time.
Safety integrity level (SIL)
Up to SIL 2 low demand mode
up to SIL 3 in a redundant architecture
up to SIL 1 high demand mode
Certified for safety function to ISO 13849 and IEC 61508 (SIL)
Product can be used in safety-related parts of control systems up to SIL
2, low demand
Product can be used in safety-related parts of control systems up to SIL
1, high demand
up to SIL 3 in a redundant architecture
Operating pressure
0.2 MPa ... 0.8 MPa
Operating pressure
2 bar ... 8 bar
Operating pressure
29 psi ... 116 psi
Nominal operating pressure
0.55 MPa
Nominal operating pressure
5.5 bar
Nominal operating pressure
79.75 psi
Maritime classification
See certificate
CE marking (see declaration of conformity)
as per EU explosion protection directive (ATEX)
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
8/2/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8068932

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8068930 FESTO-8068930 Datasheet
91Kb / 2P
Quarter turn actuator
8068931 FESTO-8068931 Datasheet
95Kb / 2P
Quarter turn actuator
8068933 FESTO-8068933 Datasheet
99Kb / 2P
Quarter turn actuator
8068934 FESTO-8068934 Datasheet
95Kb / 2P
Quarter turn actuator
8068935 FESTO-8068935 Datasheet
100Kb / 2P
Quarter turn actuator
More results

Similar Description - 8068932

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8005039 FESTO-8005039 Datasheet
108Kb / 2P
Quarter turn actuator
8005040 FESTO-8005040 Datasheet
108Kb / 2P
Quarter turn actuator
8005050 FESTO-8005050 Datasheet
109Kb / 2P
Quarter turn actuator
8005053 FESTO-8005053 Datasheet
109Kb / 2P
Quarter turn actuator
8005061 FESTO-8005061 Datasheet
105Kb / 2P
Quarter turn actuator
8005063 FESTO-8005063 Datasheet
106Kb / 2P
Quarter turn actuator
8005064 FESTO-8005064 Datasheet
105Kb / 2P
Quarter turn actuator
8005066 FESTO-8005066 Datasheet
105Kb / 2P
Quarter turn actuator
8005072 FESTO-8005072 Datasheet
105Kb / 2P
Quarter turn actuator
8030606 FESTO-8030606 Datasheet
95Kb / 2P
Quarter turn actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com