| Electronic Components Datasheet Search |
|
PIMXRT516SCVL2A Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT516SCVL2A Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 124 page ![]() i.MX RT1160 introduction i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021 NXP Semiconductors 3 — 8/16/32-bit SDRAM, up to SDRAM-133/SDRAM-166/SDRAM-200 — 8/16-bit SLC NAND FLASH —SD/eMMC — SPI NOR/NAND FLASH — Parallel NOR FLASH with XIP support — Single/Dual channel Quad SPI FLASH with XIP support — Hyper RAM/FLASH —OCT FLASH — Synchronization mode for all devices • Timers and PWMs: — Six General Programmable Timer (GPT) modules – 4-channel generic 32-bit resolution timer for each – Each supports standard capture and compare operation — Two Periodical Interrupt Timer (PIT) modules – Four timers for each module – Generic 32-bit resolution timer – Periodical interrupt generation — Four Quad Timer (QTimer) modules – 4-channel generic 16-bit resolution timer for each – Each supports standard capture and compare operation – Quadrature decoder integrated — Four FlexPWMs – Up to 8 individual PWM channels for each – 16-bit resolution PWM suitable for Motor Control applications — Four Quadrature Decoders — Four Watch Dog (WDOG) modules Each i.MX RT1160 processor enables the following interfaces to external devices (some of them are muxed and not available simultaneously): • Display Interface: — Parallel RGB LCD interface (eLCDIF) – Support 8/16/24-bit interface – Support up to WXGA resolution @60fps – Support Index color with 256 entry x 24-bit color LUT — Parallel RGB LCD Interface Version 2 (LCDIFv2) – Enhanced based on LCDIF version – Support up to 8 layers of alpha blending — MIPI Display Serial Interface (MIPI DSI) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |