Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8102843 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8102843
Description  Quarter turn actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8102843 Datasheet(HTML) 2 Page - Festo Corporation.

  8102843 Datasheet HTML 1Page - Festo Corporation. 8102843 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Certificate issuing authority
DNVGL TAP00001CE
German Technical Control Board (TÜV) Rheinland 968/V 1106.00/19
ATEX category gas
II 2G
ATEX category for dust
II 2D
Type of ignition protection for gas
Ex h IIC T4 Gb X
Type of (ignition) protection for dust
Ex h IIIC T105°C Db X
Explosive ambient temperature
-20°C <= Ta <= +80°C
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-20 °C ... 60 °C
Ambient temperature
-20 °C ... 80 °C
Torque at nominal operating pressure and 0° swivel angle
128.7 Nm
Torque at nominal operating pressure and 90° swivel angle
67.1 Nm
Note about the torque
The actuator's operating torque must not be higher than the maximum
permissible torque listed in ISO 5211, based on the size of the mounting
flange and the coupling.
Spring return torque at 0° swivel angle
63 Nm
Spring return torque with 90° swivel angle
124.6 Nm
MTTFd
1126 years
PFH
1.01E-7
PFD
7.8E-4
Air consumption at 6 bar per cycle 0°-nominal swivel angle-0°
8.6 l
Product weight
9756 g
Shaft connection
T22
Pneumatic connection
G1/4
Note on materials
RoHS-compliant
Material of sub-base
Wrought aluminum alloy, anodized
Cover material
Die-cast aluminum, coated
Seals material
NBR
Material of spring
Spring steel
Housing material
Wrought aluminum alloy, anodized
Material of piston
Die-cast aluminum
Material of bearing
POM
Cam material
Steel
Material of screws
High-alloy stainless steel
Shaft material
High-alloy stainless steel
8/2/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com