Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-PA4S/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-PA4S/Q
Description  Remote I/O R3 Series HIGH SPEED PULSE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PA4S/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-PA4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-PA4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-PA4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-PA4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-PA4S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-PA4
R3-PA4 SPECIFICATIONS
ES-8399 Rev.8 Page 4/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
3
1
4
2
EXC +
INP TERM. 1
INP TERM. 2
INP TERM. 3
5
COM
INTERNAL POWER
*For dual redundant communication.
Control
Circuit
Communication
Circuit
Isolation
DIP SW
RUN LED ERR LED
Sensor
Excitation
Input
Circuit
Input 1
8
6
9
7
EXC +
INP TERM. 1
INP TERM. 2
INP TERM. 3
10
COM
Isolation
Sensor
Excitation
Input
Circuit
Input 2
13
11
14
12
EXC +
INP TERM. 1
INP TERM. 2
INP TERM. 3
15
COM
Isolation
Sensor
Excitation
Input
Circuit
Input 3
18
16
19
17
EXC +
INP TERM. 1
INP TERM. 2
INP TERM. 3
20
COM
Isolation
Sensor
Excitation
Input
Circuit
Input 4
INTERNAL BUS A
INTERNAL BUS B*
Input Connection Example (Input 1)
■ Open Collector
1
2
3
5
12V DC
20kΩ
1kΩ
7.5kΩ
4
■ Voltage Pulse input
• Operational voltage across the terminals: 0 − 50V, 0 − 25V
12V DC
7.5kΩ
100kΩ
1kΩ
2
3
4
5
20kΩ
• Operational voltage across the terminals: 0 − 12V
、0 − 6V
1
+
–
+
PWR
12V DC
7.5kΩ
100kΩ
1kΩ
2
3
4
5
20kΩ
1
+
–
+
PWR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com