Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-NMW1F-R Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # R3-NMW1F-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NMW1F-R Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button R3-NMW1F-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 8Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 9Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 10Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 11Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MODEL: R3-NMW1F
R3-NMW1F SPECIFICATIONS
ES-8286 Rev.1 Page 11/12
http://www.m-system.co.jp/
SYSTEM CONFIGURATION EXAMPLES
PC
Modbus/Master
■ WHEN GATEWAY FUNCTION IS DISABLED
With wired PC as Modbus/Master, communicates with slave devices via RS-485 using Modbus/TCP and RTU protocol.
With wireless PC as Modbus/Master, communicates with slave devices via wireless module using Modbus/TCP and RTU protocol.
■ WHEN GATEWAY FUNCTION IS ENABLED
With PC as Modbus/Master, communicates with slave devices via wireless module using Modbus/TCP and RTU protocol.
Also, Gateway function allows to communicate with slave devices connected in multi-drop configuration with wired network,
using Modbus and RTU protocol.
Wireless Gateway
(model: WL40EW2F)
LAN cable
LAN cable
LAN cable
PC
Modbus/Master
Modbus Interface Module
(model: R3-NMW1F)
(slave)
Modbus Interface Module
(model: R3-NMW1F)
(Gateway)
Modbus Interface Module
(model: R3-NMW1F)
(slave)
PC
Modbus/Master
Wireless Gateway
(model: WL40EW2F)
slave device
slave device
slave device
slave device
slave device
slave device
slave device
slave device
Max. number of modules: 31
Max. number of modules: 31
Max. number of modules: 31
RS-485
RS-485
RS–485
Ethernet Communication Adaptor
(model: 72EM2-M4)
ETHERNET
RUN
SEND
FIELD
CNFG
RS-485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com