Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-NF3-M2/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-NF3-M2/Q
Description  Remote I/O R3 Series T-Link INTERFACE MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NF3-M2/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-NF3-M2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-NF3-M2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-NF3-M2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-NF3-M2/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-NF3-M2/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-NF3-M2/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-NF3-M2/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R3-NF3
R3-NF3 SPECIFICATIONS
ES-8288 Rev.2 Page 2/7
http://www.m-system.co.jp/
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (T-Link to
internal bus or internal power to power input to RUN contact
output to FG)
EXTERNAL VIEW
RUN LED
ERR LED
SW2
ON
8
7
6
5
4
3
2
1
SW3
SA1
SA2
ON
4
3
2
1
ON
8
7
6
5
4
3
2
1
SW1
1
2
3
4
5
6
8
7
8
7
SW6
ON
8:KS7
7:KS6
6:KS5
5:KS4
4:KS3
3:KS2
2:KS1
1:KS0
Configuration Jack
Node Address Setting
Rotary SW (MSB)
Node Address Setting
Rotary SW (LSB)
Network
DIP SW
RT+
RT–
SD
T2
T1
■ FRONT VIEW
■ SIDE VIEW
Euro Type
Connector Terminal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com