Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB211 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB211 Datasheet HTML 14Page - Texas Instruments TUSB211 Datasheet HTML 15Page - Texas Instruments TUSB211 Datasheet HTML 16Page - Texas Instruments TUSB211 Datasheet HTML 17Page - Texas Instruments TUSB211 Datasheet HTML 18Page - Texas Instruments TUSB211 Datasheet HTML 19Page - Texas Instruments TUSB211 Datasheet HTML 20Page - Texas Instruments TUSB211 Datasheet HTML 21Page - Texas Instruments TUSB211 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Table 9-3. Design Parameters for 2.3-V to 4.3-V VBAT Supply With Low to Medium Loss System
PARAMETER
VALUE(1)
VCC
2.3 V to 4.3V
I2C support required in system (Yes/No)
No
Edge and DC Boost
RBOOST
BOOST Level
Boost Level 0:
RBOOST = 0-Ω
0-Ω
0
1.8 kΩ ±1%
1
3.6 kΩ ±1%
2
Do Not Install (DNI)
3
RX Sensitivity
RRXSEN1
RRXSEN2
RX_SEN Level
Medium RX
Sensitivity Level:
RRXSEN1 = DNI
RRXSEN2 = DNI
22 kΩ - 40 kΩ (27 kΩ typical)
Do Not Install (DNI)
Low
Do Not Install (DNI)
Do Not Install (DNI)
Medium
37.5 kΩ(2)
12.5 kΩ
High
(1)
These parameters are starting values for a low to medium loss system. Further tuning might be required based on specific host and/or
device as well as cable length and loss profile. These settings are not specific to a 2.3V-4.3V supply system could be applicable to 5V
supply system as well.
(2)
This resistor is needed for a VBAT supply (2.3V - 4.3V) to divide the voltage down so the RX_SEN pin voltage does not exceed 5.0V
9.2.2 Detailed Design Procedure
The ideal BOOST setting is dependent upon the signal chain loss characteristics of the target platform. The
recommendation is to start with BOOST level 0, and then increment to BOOST level 1, and so on. Same applies
to the RX sensitivity setting where it is recommended to plan for the required pads or connections to change
boost settings, but to start with RX sensitivity level Low.
In order for the TUSB217A to recognize any change to the BOOST setting, the RSTN pin must be toggled. This
is because the BOOST pin is latched on power up and the pin is ignored thereafter.
Note
The TUSB217A compensates for extra attenuation in the signal path according to the configuration of
the RX_SEN pin. This maximum recommended voltage for this pin is 5 V when selecting the highest
RX sensitivity level.
Placement of the device is also dependent on the application goal. Table 9-4 summarizes our recommendations.
Table 9-4. Platform Placement Guideline
PLATFORM GOAL
SUGGESTED TUSB217A PLACEMENT
Pass USB Near End Mask at the receptacle
Close to measurement point (connector)
Pass USB Far End Eye Mask at the plug
Close to USB PHY
Cascade multiple TUSB217As to improve device enumeration
Midway between each USB interconnect
Table 9-5. Table of Recommended Settings
BOOST and RX_SEN settings (1)for channel loss
Pre-channel cable length (Between USB
PHY and TUSB217A)
BOOST
RX_SEN
0-3 meter
Level 0
Medium or High
2-5 meter
Level 1
Medium or High
Post-channel cable length (Between
TUSB217A and inter-connect)
BOOST
RX_SEN
0-2 meter
Level 0
Medium or High
1-4 meter
Level 1
Medium or High
(1)
These parameters are starting values for different cable lengths. Further tuning might be required based on specific host and/or device
as well as cable length and loss profile.
TUSB217A
SLLSFK5 – JUNE 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB217A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com