Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO2073E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2073E
Description  315.0 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2073E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2073E Datasheet HTML 1Page - RF Monolithics, Inc RO2073E Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2073E-092004
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
314.900
315.100
MHz
Tolerance from 315.0 MHz
∆f
C
±100
kHz
Insertion Loss
IL
2, 5, 6
1.7
2.4
dB
Quality Factor
Unloaded Q
QU
550
50W Loaded Q
QL
2500
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
35
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
19
34
Ω
Motional Inductance
LM
34
µH
Motional Capacitance
CM
7.508
fF
Shunt Static Capacitance
CO
5, 6, 9
5.7
6
6.3
pF
Test Fixture Shunt Inductance
LTEST
2, 7
42.5
nH
Lid Symbolization
474 // YWWS
StandardReelQuantity
Reel Size 7 Inch
10
500 Pieces / Reel
Reel Size 13 Inch
3000 Pieces / Reel
•
Ideal for 315 MHz Automotive-Keyless-Entry Transmitters
•
Very Low Series Resistance
•
Quartz Stability
•
Complies with Directive 2002/95/EC (RoHS)
The RO2073E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of local oscillators operating at approx-
imately 315 MHz. This SAW was designed for AM transmitters in automotive-keyless-entry applications
operating in the USA under FCC Part 15, in Canada under DoC RSS-210, and in Italy.
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
0
dBm
DC Voltage
12
VDC
Storage Temperature Range
-40 to +125
°C
Operating Temperature Range
-40 to +105
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
315.0 MHz
SAW
Resonator
RO2073E
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing in subse-
quent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOS-
CILLATOR or fTRANSMITTER is approximately equal to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and govern-
ment approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically oscillator T
O is approximately
equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between the two terminals measured at low
frequency (10 MHz) with a capacitance meter. The measurement includes para-
sitic capacitance with "NC” pads unconnected. Case parasitic capacitance is
approximately 0.05 pF. Transducer parallel capacitance can by calculated as:
CP ≈ CO - 0.05 pF.
10.
Tape and Reel Standard Per ANSI / EIA 481.
SM3030-6 Case
3.0 X 3.0
Pb
Pb


Similar Part No. - RO2073E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2073E-2 RFM-RO2073E-2 Datasheet
96Kb / 2P
315.0 MHz SAW Resonator
More results

Similar Description - RO2073E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP1239 ETC-RP1239 Datasheet
147Kb / 2P
315.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2073A RFM-RO2073A Datasheet
169Kb / 2P
315.0 MHz SAW Resonator
RO2073A-6 RFM-RO2073A-6 Datasheet
100Kb / 2P
315.0 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
315.0 MHz SAW Resonator
RO2073E-2 RFM-RO2073E-2 Datasheet
96Kb / 2P
315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3073 MURATA-RO3073 Datasheet
142Kb / 2P
315.0 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073A-1 MURATA-RO3073A-1 Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RF1211D MURATA-RF1211D Datasheet
72Kb / 2P
315.0 MHz SAW Filter
RF1417D MURATA-RF1417D Datasheet
98Kb / 5P
315.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com