Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC861 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC861
Description  Ultra-Low Power Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC861 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC861 Datasheet HTML 11Page - Microchip Technology MIC861 Datasheet HTML 12Page - Microchip Technology MIC861 Datasheet HTML 13Page - Microchip Technology MIC861 Datasheet HTML 14Page - Microchip Technology MIC861 Datasheet HTML 15Page - Microchip Technology MIC861 Datasheet HTML 16Page - Microchip Technology MIC861 Datasheet HTML 17Page - Microchip Technology MIC861 Datasheet HTML 18Page - Microchip Technology MIC861 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2020 Microchip Technology Inc.
DS20006347A-page 15
MIC861
5.0
APPLICATION INFORMATION
Regular
supply
bypassing
techniques
are
recommended. A 10 μF capacitor in parallel with a
0.1 μF capacitor on both the positive and negative
supplies is ideal. For best performance, all bypassing
capacitors should be located as close to the op amp as
possible and all capacitors should be low equivalent
series inductance (ESL) and equivalent series
resistance (ESR). Surface-mount ceramic capacitors
are ideal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com