Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2103 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC2103
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC2103 Datasheet HTML 22Page - Microchip Technology MIC2103 Datasheet HTML 23Page - Microchip Technology MIC2103 Datasheet HTML 24Page - Microchip Technology MIC2103 Datasheet HTML 25Page - Microchip Technology MIC2103 Datasheet HTML 26Page - Microchip Technology MIC2103 Datasheet HTML 27Page - Microchip Technology MIC2103 Datasheet HTML 28Page - Microchip Technology MIC2103 Datasheet HTML 29Page - Microchip Technology MIC2103 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
MIC2103/4
DS20005899A-page 26
 2017 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Setting the Switching Frequency
The
MIC2103/4
are
adjustable-frequency,
synchronous buck controllers that feature a unique
adaptive on-time control architecture. The switching
frequency can be adjusted between 200 kHz and
600 kHz by changing the resistor divider network
consisting of R19 and R20.
FIGURE 5-1:
Switching Frequency
Adjustment.
The following formula gives the estimated switching
frequency:
EQUATION 5-1:
For a more precise setting, it is recommended to use
the following graph:
FIGURE 5-2:
Switching Frequency vs.
R20.
5.2
MOSFET Selection
The MIC2103/4 controllers work from input voltages of
4.5V to 75V and have an internal 5V VDD LDO. This
internal VDD LDO provides power to turn on the
external N-channel power MOSFETs for the high-side
and low-side switches. For applications where VDD <
5V, it is necessary that the power MOSFETs used are
sub-logic level and are in full conduction mode for VGS
of 2.5V. For applications when VDD > 5V; logic-level
MOSFETs, whose operation is specified at VGS = 4.5V
must be used.
There are different criteria for choosing the high-side
and low-side MOSFETs. These differences are more
significant at lower duty cycles. In such an application,
the high-side MOSFET is then required to switch as
quickly as possible in order to minimize transition
losses, whereas the low-side MOSFET can switch
slower, but must handle larger RMS currents. When the
duty cycle approaches 50%, the current carrying
capability of the high-side MOSFET starts to become
critical.
It is important to note that the on-resistance of a
MOSFET increases with increasing temperature. A
75°C rise in junction temperature will increase the
channel resistance of the MOSFET by 50% to 75% of
the resistance specified at 25°C. This change in
resistance must be accounted for when calculating
MOSFET power dissipation and in calculating the value
of current limit. Total gate charge is the charge required
to turn the MOSFET on and off under specified
operating conditions (VDS and VGS). The gate charge
is supplied by the MIC2103/4 gate-drive circuit. At
200 kHz switching frequency, the gate charge can be a
significant source of power dissipation in the
VDD/PVDD
SW
FB
VDD
2.2μF
x3
AGND
MIC2103/04
BST
1μF
PGND
VIN
VIN
FREQ
CS
R20
R19
f
SW_ADJ
f
O
R20
R19
R20
+
--------------------------
=
Where:
fO = Switching frequency when R19 is 100 kΩ and
R20 is open. Typically 550 kHz.
0
100
200
300
400
500
600
10.00
100.00
1000.00
10000.00
R20 (k )
R19 = 100k, IOUT =10A
VIN = 48V
VIN =75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com