Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC7122 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC7122
Description  Rail-to-Rail Dual Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7122 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC7122 Datasheet HTML 8Page - Microchip Technology MIC7122 Datasheet HTML 9Page - Microchip Technology MIC7122 Datasheet HTML 10Page - Microchip Technology MIC7122 Datasheet HTML 11Page - Microchip Technology MIC7122 Datasheet HTML 12Page - Microchip Technology MIC7122 Datasheet HTML 13Page - Microchip Technology MIC7122 Datasheet HTML 14Page - Microchip Technology MIC7122 Datasheet HTML 15Page - Microchip Technology MIC7122 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MIC7122
DS20006290A-page 12
 2020 Microchip Technology Inc.
in turn can be used to determine the minimum load
impedance that may safely be driven. The calculation
is summarized below in Equation 3-6.
EQUATION 3-6:
PDMAX

T JMAX

T A
–
JA
-----------------------------------
=
θJA(MSOP-8) = 200°C/W
3.4
Driving Capacitive Loads
Driving a capacitive load introduces phase lag into the
output signal and this, in turn, reduces op-amp system
phase margin.
The application that is least forgiving of reduced phase
margin is a unity gain amplifier. The MIC7122 can
typically drive a 200 pF capacitive load connected
directly to the output when configured as a unity-gain
amplifier and powered with a 2.2V supply. At 15V
operation the circuit typically drives 500 pF.
3.5
Using Large-Value Feedback
Resistors
A large-value feedback resistor (>500 kΩ) can reduce
the phase margin of a system. This occurs when the
feedback resistor acts in conjunction with input
capacitance to create phase lag in the feedback signal.
Input capacitance is usually a combination of input
circuit components and other parasitic capacitance,
such as amplifier input capacitance and stray printed
circuit board capacitance.
Figure 3-2 illustrates a method of compensating phase
lag caused by using a large-value feedback resistor.
Feedback capacitor CFB introduces sufficient phase
lead to overcome the phase lag caused by feedback
resistor RFB and input capacitance CIN. The value of
CFB is determined by first estimating CIN and then
applying the following formula:
EQUATION 3-7:
RIN CIN RFB CFB
VIN
CFB
RFB
VOUT
CIN
RIN
FIGURE 3-2:
Canceling Feedback Phase
Lag.
Because a significant percentage of CIN may be
caused by board layout, it is important to note that the
correct value of CFB may change when changing from
a breadboard to the final circuit layout.
3.6
Typical Circuits
Some single-supply, rail-to-rail applications for which
the MIC7122 is well suited are shown in the circuit
diagrams of Figure 3-3 through Figure 3-8.
R2
910k
R1
100k
VOUT
0V to V+
V+
VIN
1 2
MIC7122
0V to
V+
AV
FIGURE 3-3:
Non-Inverting Amplifier.
0
0
V
IN (V)
V+
A1
R2
R1
V =+
≈10
FIGURE 3-4:
Non-Inverting Amplifier
Behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com