Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD301-B-70M Datasheet(PDF) 12 Page - STMicroelectronics

Part # PSD301-B-70M
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD301-B-70M Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PSD301-B-70M Datasheet HTML 8Page - STMicroelectronics PSD301-B-70M Datasheet HTML 9Page - STMicroelectronics PSD301-B-70M Datasheet HTML 10Page - STMicroelectronics PSD301-B-70M Datasheet HTML 11Page - STMicroelectronics PSD301-B-70M Datasheet HTML 12Page - STMicroelectronics PSD301-B-70M Datasheet HTML 13Page - STMicroelectronics PSD301-B-70M Datasheet HTML 14Page - STMicroelectronics PSD301-B-70M Datasheet HTML 15Page - STMicroelectronics PSD301-B-70M Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
PSD3XX Family
9
Table 2.
PSD3XX Pin
Descriptions
(cont.)
Name
Type
Description
These pins make up Port B. These port pins are configurable, and
PB0
can have the following functions: (see Figure 6)
PB1
1. MCU I/O —in this mode, the direction of the pin is defined by its
PB2
direction bit, which resides in the direction register.
PB3
2. Chip select output —each of PB0-3 has four product terms
PB4
I/O
available per pin, while PB4-7 have 2 product terms each.
PB5
See Figure 4.
PB6
3. CMOS or open-drain.
PB7
4. If your MCU is non-multiplexed, and the data bus width is
16 bits: data bus input—connect your data bus (D8-D15) to these
pins. See Figure 3.
These pins make up Port C. These port pins are configurable, and
can have the following functions (see Figure 7):
1. PAD input—when configured as an input, a bit individually
PC0
becomes an address or a logic input, depending on your PSDsoft
PC1
I/O
design file. When declared as an address, the bit(s) can be latched
PC2
with ALE/AS.
2. PAD output—when configured as an output (i.e. there is an
equation written for it in your PSDsoft design file), there is one
product term available to it.
AD0/A0
If your MCU is multiplexed:
AD1/A1
These pins are the multiplexed, low-order address/data byte
AD2/A2
(AD0-AD7). As inputs, address information is latched by the ALE/AS
AD3/A3
I/O
signal and used internally by the PSD. The pins also serve as MCU
AD4/A4
data bus inputs or outputs, depending on the MCU control signals
AD5/A5
(RD, WR, etc.).
AD6/A6
If your MCU is non-multiplexed:
AD7/A7
These pins are the low-order address inputs (A0-A7)
AD8/A8
If your MCU is multiplexed with a 16-bit data bus:
AD9/A9
These pins are the multiplexed, high-order address/data byte
AD10/A10
(AD8-AD15). As inputs, address information is latched by the
AD11/A11
I/O
ALE/AS signal and used internally the PSD. The pins also
AD12/A12
serve as MCU data bus inputs or outputs, depending on the MCU
AD13/A13
control signals (RD, WR, etc.).
AD14/A14
If your MCU is non-multiplexed or has a 8-bit data bus:
AD15/A15
These pins are the high-order address inputs (A8-A15).
GND
P
Ground Pin
VCC
P
Supply voltage input.
Legend: The Type column abbreviations are: I = input only; I/O = input/output; P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com