Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0505DR2RFXPAPHT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ0505DR2RFXPAPHT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0505DR2RFXPAPHT Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ0505DR2RFXPAPHT Datasheet HTML 1Page - Vishay Siliconix VJ0505DR2RFXPAPHT Datasheet HTML 2Page - Vishay Siliconix VJ0505DR2RFXPAPHT Datasheet HTML 3Page - Vishay Siliconix VJ0505DR2RFXPAPHT Datasheet HTML 4Page - Vishay Siliconix VJ0505DR2RFXPAPHT Datasheet HTML 5Page - Vishay Siliconix VJ0505DR2RFXPAPHT Datasheet HTML 6Page - Vishay Siliconix VJ0505DR2RFXPAPHT Datasheet HTML 7Page - Vishay Siliconix VJ0505DR2RFXPAPHT Datasheet HTML 8Page - Vishay Siliconix VJ0505DR2RFXPAPHT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
VJ HIFREQ HT Series
www.vishay.com
Vishay Vitramon
Revision: 13-Jan-2020
2
Document Number: 45239
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) DC voltage rating should not be exceeded in application
(2) Case size 0402 only available with A
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
D = HIFREQ
0402
100
0.1 pF
47 pF
0505
250
0.1 pF
470 pF
0603
200
0.1 pF
270 pF
0805
250
0.1 pF
1.0 nF
1111
500
0.2 pF
3.3 nF
ORDERING INFORMATION
VJ0805
D
2R2
V
X
A
A
C
HT
CASE
DIELECTRIC
CAPACITANCE
CAPACITANCE
TERMINATION
DC VOLTAGE
MARKING
PACKAGING
PROCESS
CODE
NOMINAL CODE
TOLERANCE
RATING (1)
CODE
0402
0505
0603
0805
1111
D = HIFREQ
Expressed in
picofarads (pF).
The first two
digits are
significant,
the third is
a multiplier.
An “R” indicates
a decimal point.
Examples:
1R0 = 1.0 pF
V = ± 0.05 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.50 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Note:
for details
see “Selection
Chart”
X = Ni barrier
100 % tin plate
matte finish
J = 16 V
X = 25 V
A = 50 V
B = 100 V
K = 150 V
C = 200 V
P = 250 V
D = 300 V
E = 500 V
A = unmarked (2)
Q = marked
T = 7" reel / plastic tape
C = 7" reel / paper tape
J = 7" reel (low quantity)
R = 11 1/4 / 13" reel /
plastic tape
P = 11 1/4 / 13" reel /
paper tape
DIMENSIONS in inches (millimeters)
CASE
CODE
STYLE
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS (T)
TERMINATIONS PAD (P)
MINIMUM
MAXIMUM
0402
VJ0402
0.040 ± 0.004
(1.02 ± 0.10)
0.020 ± 0.004
(0.51 ± 0.10)
0.021
(0.61)
0.004
(0.10)
0.016
(0.41)
0505
VJ0505
0.055 + 0.015 / - 0.010
(1.40 + 0.382 / - 0.254)
0.055 ± 0.015
(1.40 ± 0.38)
0.057
(1.45)
0.004
(0.10)
0.016
(0.41)
0603
VJ0603
0.063 ± 0.006
(1.60 ± 0.15)
0.031 ± 0.005
(0.80 ± 0.12)
0.037
(0.94)
0.010
(0.25)
0.022
(0.55)
0805
VJ0805
0.079 ± 0.008
(2.00 ± 0.20)
0.049 ± 0.008
(1.25 ± 0.20)
0.057
(1.45)
0.010
(0.25)
0.030
(0.76)
1111
VJ1111
0.117 + 0.015 / - 0.010
(2.98 + 0.382 / - 0.254)
0.110 + 0.015 / - 0.020
(2.79 + 0.382 / - 0.509)
0.102
(2.59)
0.012
(0.30)
0.018
(0.46)
L
W
T
MAX.
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com