Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2DA-T Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # ES2DA-T
Description  2A, 200V - 600V Super Fast Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2DA-T Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  ES2DA-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2DA-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2DA-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2DA-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES2DA-T Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES2DA-T Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ES2DA-T
– ES2JA-T
Taiwan Semiconductor
4
Version: C2102
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.7 Typical Reverse Characteristics
Fig.8 Typical Forward Characteristics
Fig.9 Typical Transient Thermal Impedance
0.0001
0.001
0.01
0.1
1
10
10 20 30 40 50 60 70 80 90 100
T
J=25°C
T
J=125°C
T
J=-55°C
T
J=150°C
0.1
1
10
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Pulse width 300μs
1% duty cycle
Pulse width 300μs
1% duty cycle
T
J=25°C
T
J=125°C
T
J=-55°C
T
J=150°C
0.001
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
PULSE DURATION (s)
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0.001
0.01
0.1
1
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Pulse width
T
J=25°C
T
J=125°C
UF1DLW
FORWARD VOLTAGE (V)
ES2JA-T
ES2JA-T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com