Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO2125 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2125
Description  304.3 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2125 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2125 Datasheet HTML 1Page - RF Monolithics, Inc RO2125 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2125-102699
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
304.225
304.375
MHz
Tolerance from 304.300 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
0.9
1.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
18,300
50
Ω Loaded Q
QL
2,000
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
10
19
Ω
Motional Inductance
LM
95.7126
µH
Motional Capacitance
CM
2.85803
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
2.9
3.2
3.5
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
2.9
pF
Test Fixture Shunt Inductance
LTEST
2, 7
84
nH
Lid Symbolization (in Addition to Lot and/or Date Code)
RFM RO2125
TO39-3 Case
•
Ideal for 315 MHz LO in Superhet Receivers with 10.7 MHz IF
•
Very Low Series Resistance
•
Quartz Stability
•
Rugged, Hermetic, Low-Profile TO39 Case
•
Complies with Directive 2002/95/EC (RoHS)
The RO2125 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of local oscillators operating at 304.3 MHz.
This SAW is designed for 315 MHz superhet receivers with 10.7 MHz IF (Philips UAA3201T). Applications
include automotive-keyless-entry receivers operating in the USA under FCC Part 15, in Canada under DoC
RSS-210, and in Italy.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
304.3 MHz
SAW
Resonator
RO2125
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing signifi-
cantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt induc-
tance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOSCILLA-
TOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C less than
the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between pin1 and pin 2 measured at low fre-
quency (10 MHz) with a capacitance meter. The measurement includes case
parasitic capacitance with a floating case. For usual grounded case applica-
tions (with ground connected to either pin 1 or pin 2 and to the case), add
approximately 0.25 pF to CO.
Pb


Similar Part No. - RO2125

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2125A RFM-RO2125A Datasheet
104Kb / 2P
304.3 MHz SAW Resonator
RO2125A-5 RFM-RO2125A-5 Datasheet
104Kb / 2P
304.3 MHz SAW Resonator
More results

Similar Description - RO2125

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2125A RFM-RO2125A Datasheet
104Kb / 2P
304.3 MHz SAW Resonator
RO2125A-5 RFM-RO2125A-5 Datasheet
104Kb / 2P
304.3 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
RO3125A MURATA-RO3125A Datasheet
394Kb / 2P
304.3 MHz SAW Resonator
RO3125A-2 MURATA-RO3125A-2 Datasheet
392Kb / 2P
304.3 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0631A TAI-SAW-TC0631A Datasheet
174Kb / 5P
SAW Resonator 304.3 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com