Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM41FD Datasheet(PDF) 2 Page - Schneider Electric

Part # RPM41FD
Description  Harmony, Power plug-in relay, 15 A, 4 CO, with lockable test button, 110 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RPM41FD Datasheet(HTML) 2 Page - Schneider Electric

  RPM41FD Datasheet HTML 1Page - Schneider Electric RPM41FD Datasheet HTML 2Page - Schneider Electric RPM41FD Datasheet HTML 3Page - Schneider Electric RPM41FD Datasheet HTML 4Page - Schneider Electric RPM41FD Datasheet HTML 5Page - Schneider Electric RPM41FD Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
15 A 28 V DC
Maximum switching capacity
3750 VA
420 W
Minimum switching capacity
170 mW 10 mA, 17 V
Operating rate
<= 1200 cycles/hour under load
<= 18000 cycles/hour no-load
Mechanical durability
10000000 cycles
Electrical durability
100000 cycles resistive
Average coil consumption
1.6 W
Drop-out voltage threshold
>= 0.1 Uc DC
Operate time
20 ms at nominal voltage
Release time
20 ms at nominal voltage
Average coil resistance
6370 Ohm at 68 °F (20 °C) +/- 10 %
Rated operational voltage limits
88...121 V DC
Protection category
RT I
Test levels
Level A
Operating position
Any position
Pollution degree
3
Safety reliability data
B10d = 100000
Net weight
0.16 lb(US) (0.071 kg)
Device presentation
Complete product
Environment
Dielectric strength
1500 V AC between contacts with micro disconnection
2000 V AC between coil and contact with reinforced
2000 V AC between poles with basic
Standards
CSA C22.2 No 14
EN/IEC 61810-1
UL 508
Product certifications
CSA
EAC
UL
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Ambient air temperature for operation
-40…131 °F (-40…55 °C)
Vibration resistance
3 gn +/- 1 mm 10…150 Hz)5 cycles in operation
5 gn +/- 1 mm 10…150 Hz)5 cycles not operating
Degree of protection (Housing only)
IP40 conforming to EN/IEC 60529
Shock resistance
15 gnin operation
30 gnnot operating
Ordering and shipping details
Category
21127 - ZELIO ICE CUBE RELAYS
Discount Schedule
CP2
GTIN
03389119402170
Nbr. of units in pkg.
10
Package weight(Lbs)
0.15 lb(US) (0.07 kg)
Returnability
No
Country of origin
CN
Packing Units
Package 1 Height
0.310 dm
Package 1 width
1.020 dm
Package 1 Length
2.150 dm
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com