Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-SSS8N Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-SSS8N
Description  Remote I/O R3 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-SSS8N Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-SSS8N Datasheet HTML 1Page - M-System Co.,Ltd. R3-SSS8N Datasheet HTML 2Page - M-System Co.,Ltd. R3-SSS8N Datasheet HTML 3Page - M-System Co.,Ltd. R3-SSS8N Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3S-SS8N
R3S-SS8N SPECIFICATIONS
ES-8938 Rev.4 Page 3/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
SLD
SLD
SLD
SLD
SLD
SLD
SLD
SLD
SLD
*2
3
4
Comm.
Circuit
Control
Circuit
*1. For dual redundant communication.
*2. To use shield line, connect it to SLD terminal and ground the terminal 39.
Note: Do not use void terminals.
RUN LED ERR LED
5
7
8
9
6
1
2
+
–
INPUT 1
250Ω
250Ω
250Ω
250Ω
250Ω
250Ω
250Ω
250Ω
+
–
INPUT 2
+
–
INPUT 3
+
–
INPUT 4
+
–
INPUT 5
+
–
INPUT 6
+
–
INPUT 7
+
–
INPUT 8
13
14
15
17
18
10
20
21
19
25
27
23
30
31
29
35
37
33
40
16
22
26
28
24
32
36
38
39
34
11
12
DIP SW
Input Circuit
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com