Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-RR8S/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-RR8S/Q
Description  Remote I/O R3 Series REMOTE CONTROL RELAY CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-RR8S/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-RR8S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-RR8S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-RR8S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-RR8S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-RR8S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-RR8S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-RR8S/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R3-RR8
R3-RR8 SPECIFICATIONS
ES-8432 Rev.10 Page 6/7
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
3
6
4
13
14
15
COM
COM
2
19
11
12
8
1
17
18
9
16
10
20
7
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
Remote Control
Relay
red
blue
Remote Control
Relay
red
blue
Remote Control
Relay
red
blue
Remote Control
Relay
red
blue
Remote Control
Relay
red
blue
Remote Control
Relay
red
blue
Remote Control
Relay
red
blue
Remote Control
Relay
red
blue
Remote Control
Transformer
blue
white
Remote Control
Transformer
blue
white
OUTPUT 1
OUTPUT 2
OUTPUT 3
OUTPUT 4
OUTPUT 5
OUTPUT 6
OUTPUT 7
OUTPUT 8
INTERNAL BUS A
INTERNAL POWER
*INTERNAL BUS B
Output Circuit
Communication
Circuit
Control
Circuit
RUN LED ERR LED
STATUS
INDICATOR LED
DIP SW
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
* For dual redundant communication.
1
8
7
6
5
4
3
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com