Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OBT15-R2F-E0-L Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBT15-R2F-E0-L
Description  Laser triangulation sensor with background suppression
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT15-R2F-E0-L Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBT15-R2F-E0-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT15-R2F-E0-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT15-R2F-E0-L Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Laser triangulation sensor with background suppression
OBT15-R2F-E0-L
3
• The irradiation can lead to irritation especially in a dark environment. Do not point at people!
• Maintenance and repairs should only be carried out by authorized service personnel!
• Attach the device so that the warning is clearly visible and readable.
• The warning accompanies the device and should be attached in immediate proximity to the device.
• Caution – Use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation
exposure.
Curves/Diagrams
Laser notice laser class 1
X
Offset Y [mm]
Distance X [mm]
Characteristic response curve
white 90 %
grey 18 %
black 6 %
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
2
4
6
8
10
12
14
16
X
white
grey
black
Distance X [mm]
Object colour
Detection ranges
0
2
4
6
8
10
12
14
16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com