| Electronic Components Datasheet Search |
|
ZPSD301-B-70L Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301-B-70L Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 85 page ![]() PSD3XX Family 9 Table 2. PSD3XX Pin Descriptions (cont.) Name Type Description These pins make up Port B. These port pins are configurable, and PB0 can have the following functions: (see Figure 6) PB1 1. MCU I/O —in this mode, the direction of the pin is defined by its PB2 direction bit, which resides in the direction register. PB3 2. Chip select output —each of PB0-3 has four product terms PB4 I/O available per pin, while PB4-7 have 2 product terms each. PB5 See Figure 4. PB6 3. CMOS or open-drain. PB7 4. If your MCU is non-multiplexed, and the data bus width is 16 bits: data bus input—connect your data bus (D8-D15) to these pins. See Figure 3. These pins make up Port C. These port pins are configurable, and can have the following functions (see Figure 7): 1. PAD input—when configured as an input, a bit individually PC0 becomes an address or a logic input, depending on your PSDsoft PC1 I/O design file. When declared as an address, the bit(s) can be latched PC2 with ALE/AS. 2. PAD output—when configured as an output (i.e. there is an equation written for it in your PSDsoft design file), there is one product term available to it. AD0/A0 If your MCU is multiplexed: AD1/A1 These pins are the multiplexed, low-order address/data byte AD2/A2 (AD0-AD7). As inputs, address information is latched by the ALE/AS AD3/A3 I/O signal and used internally by the PSD. The pins also serve as MCU AD4/A4 data bus inputs or outputs, depending on the MCU control signals AD5/A5 (RD, WR, etc.). AD6/A6 If your MCU is non-multiplexed: AD7/A7 These pins are the low-order address inputs (A0-A7) AD8/A8 If your MCU is multiplexed with a 16-bit data bus: AD9/A9 These pins are the multiplexed, high-order address/data byte AD10/A10 (AD8-AD15). As inputs, address information is latched by the AD11/A11 I/O ALE/AS signal and used internally the PSD. The pins also AD12/A12 serve as MCU data bus inputs or outputs, depending on the MCU AD13/A13 control signals (RD, WR, etc.). AD14/A14 If your MCU is non-multiplexed or has a 8-bit data bus: AD15/A15 These pins are the high-order address inputs (A8-A15). GND P Ground Pin VCC P Supply voltage input. Legend: The Type column abbreviations are: I = input only; I/O = input/output; P = power. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |