Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXM3AB2FD Datasheet(PDF) 1 Page - Schneider Electric

Part # RXM3AB2FD
Description  Harmony, Miniature plug-in relay, 10 A, 3 CO, with LED, with lockable test button, 110 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXM3AB2FD Datasheet(HTML) 1 Page - Schneider Electric

  RXM3AB2FD Datasheet HTML 1Page - Schneider Electric RXM3AB2FD Datasheet HTML 2Page - Schneider Electric RXM3AB2FD Datasheet HTML 3Page - Schneider Electric RXM3AB2FD Datasheet HTML 4Page - Schneider Electric RXM3AB2FD Datasheet HTML 5Page - Schneider Electric RXM3AB2FD Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product data sheet
Characteristics
RXM3AB2FD
Harmony, Miniature plug-in relay, 10 A, 3 CO,
with LED, with lockable test button, 110 V DC
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 8.05 USD
Main
Range of product
Harmony Electromechanical Relays
Series name
Miniature
Product or component type
Plug-in relay
Device short name
RXM
Contacts type and composition
3 C/O
[Uc] control circuit voltage
110 V DC
[Ithe] conventional enclosed thermal
current
10 A -40…131 °F (-40…55 °C)
Status LED
With
Control type
Lockable test button
Utilisation coefficient
20 %
Complementary
Shape of pin
Flat
[Ui] rated insulation voltage
250 V IEC
300 V CSA
300 V UL
[Uimp] rated impulse withstand voltage
4 kV 1.2/50 µs
Contacts material
AgNi
[Ie] rated operational current
10 A 28 V DC) NO IEC
10 A 250 V AC) NO IEC
5 A 28 V DC) NC IEC
5 A 250 V AC) NC IEC
10 A 30 V DC) UL
10 A 277 V AC) UL
Maximum switching voltage
250 V IEC
Resistive rated load
10 A 250 V AC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Aug 5, 2021
1


Similar Part No. - RXM3AB2FD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM3AB2F7 SCHNEIDER-RXM3AB2F7 Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with LED, with lockable test button, 120 V AC
Aug 5, 2021
More results

Similar Description - RXM3AB2FD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM3AB1BD SCHNEIDER-RXM3AB1BD Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with lockable test button, 24 V DC
Aug 5, 2021
RXM3AB1ED SCHNEIDER-RXM3AB1ED Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with lockable test button, 48 V DC
Aug 5, 2021
RXM3AB1FD SCHNEIDER-RXM3AB1FD Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with lockable test button, 110 V DC
Aug 5, 2021
RXM3AB1JD SCHNEIDER-RXM3AB1JD Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with lockable test button, 12 V DC
Aug 5, 2021
RXM3AB2BD SCHNEIDER-RXM3AB2BD Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with LED, with lockable test button, 24 V DC
Aug 5, 2021
RXM3AB2JD SCHNEIDER-RXM3AB2JD Datasheet
216Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with LED, with lockable test button, 12 V DC
Aug 5, 2021
RXM4AB1FD SCHNEIDER-RXM4AB1FD Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 110 V DC
Aug 5, 2021
RXM4AB2FD SCHNEIDER-RXM4AB2FD Datasheet
220Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with LED, with lockable test button, 110 V DC
Aug 5, 2021
RUMC31FD SCHNEIDER-RUMC31FD Datasheet
190Kb / 7P
Harmony, Universal plug-in relay, 10 A, 3 CO, with lockable test button, 110 V DC
Aug 12, 2021
RUMC32FD SCHNEIDER-RUMC32FD Datasheet
191Kb / 7P
Harmony, Universal plug-in relay, 10 A, 3 CO, with LED, with lockable test button, 110 V DC
Aug 12, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com