Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-WT1A Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-WT1A
Description  Remote I/O R3 Series MULTI POWER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT1A Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-WT1A Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT1A Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT1A Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT1A Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT1A Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-WT1A
R3-WT1A SPECIFICATIONS
ES-8416 Rev.5 Page 1/5
http://www.m-system.co.jp/
Remote I/O R3 Series
MULTI POWER INPUT MODULE
(clamp-on current sensor type CLSA use)
52.5 (2.07)
130
(5.12)
109
(4.29)
mm (inch)
MODEL: R3-WT1A[1][2][3][4]
ORDERING INFORMATION
• Code number: R3-WT1A[1][2][3][4]
Specify a code from below for each of [1] through [4].
(e.g. R3-WT1A11W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF SYSTEMS
1A: 1, Sensor type CLSA
[1] CONFIGURATION
1: 3-phase / 3-wire
2: Single-phase / 2-wire
3: Single-phase / 3-wire
[2] INPUT (unbalanced load)
1: 110 V AC / 80 A
2: 110 V AC / 120 A
5: 220 V AC / 80 A
6: 220 V AC / 120 A
A: 100 V / 200 V AC / 80 A (single-phase/3-wire)
B: 100 V / 200 V AC / 120 A (single-phase/3-wire)
[3] COMMUNICATION MODE
S: Single
W: Dual
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R3CON)
The R3CON is used to set up the software setting of this
module. Downloadable at M-System's web site.
• Clamp-on current sensor (model: CLSA-08)
• Clamp-on current sensor (model: CLSA-12)
• Special cable (model: CLSA-08C)
Note: The clamp-on current sensor, not included in the
product package of the R3 module, must be ordered
separately. Refer to the data sheet for the sensor for more
information such as applicable wire diameter.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3.5 screw terminals (torque 0.8 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Sensor core to sensor output or current input or
internal bus or internal power to voltage input
DIP switch settings:
• Computation methods
• Count Reset (Disable/Enable)
• Others
Refer to the instruction manual for details.
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input abnormality;
Green in normal operating conditions.
Power ON timer: Starts conversion in 10 seconds after the
power is turned on.
Low-end cutout: Converted data forced to 0 % for 2 % or
less input. (Selectable by using R3CON)
P
√ P2+ Q2
Computation
Active power, reactive power: Time division
multiplication
Power factor: Calculated with active power (P)
and reactive power (Q)
Frequency: One-shot


Similar Part No. - R3-WT1A

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-WT1 MSYSTEM-R3-WT1 Datasheet
192Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT111S MSYSTEM-R3-WT111S Datasheet
192Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT111S/Q MSYSTEM-R3-WT111S/Q Datasheet
192Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT111W MSYSTEM-R3-WT111W Datasheet
192Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT111W/Q MSYSTEM-R3-WT111W/Q Datasheet
192Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
More results

Similar Description - R3-WT1A

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-WTU MSYSTEM-R3-WTU Datasheet
157Kb / 4P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT4B MSYSTEM-R3-WT4B Datasheet
192Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT4A MSYSTEM-R3-WT4A Datasheet
193Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT4 MSYSTEM-R3-WT4 Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT1B MSYSTEM-R3-WT1B Datasheet
184Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1 MSYSTEM-R3-WT1 Datasheet
192Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com