Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-TS8AS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-TS8AS
Description  Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-TS8AS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-TS8AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-TS8AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-TS8AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-TS8AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-TS8AS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R3-TS8A
R3-TS8A SPECIFICATIONS
ES-8278 Rev.1 Page 3/5
http://www.m-system.co.jp/
INPUT DATA DESCRIPTIONS
■ ANALOG DATA (TEMPERATURE DATA)
0
15
16-bit binary data.
With °C temperature unit, raw data is multiplied by 100. For example, 25.5°C is converted into 2550.
With °F temperature unit, raw data is multiplied by 10. For example, 135.4°F is converted into 1354.
Minus temperature is converted into negative values, represented in 2’s complements.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
TERMINAL
COVER
5
19
20
21
22
15
16
17
18
23
24
25
26
27
28
6
7
8
9
10
11
12
13
14
1
2
3
4
27.5 (1.08)
109 (4.29)
POSITIONING
GUIDE
28–M3
SCREW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com