Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5452467 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452467
Description  Printed-circuit board connector - BCH-381VF-15 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452467 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452467 Datasheet HTML 1Page - PHOENIX CONTACT 5452467 Datasheet HTML 2Page - PHOENIX CONTACT 5452467 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452467
05/04/2016   Page 1 / 3
Printed-circuit board connector - BCH-381VF-15 BK - 5452467
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 15, Pitch: 3.81 mm, Color: black,
Contact surface: Tin, Mounting: Wave soldering
The figure shows the 5-pos. version
of the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440402
eCl@ss 9.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637


Similar Part No. - 5452467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452460 PHOENIX-5452460 Datasheet
98Kb / 4P
Printed-circuit board connector - BCH-381VF- 8 BK
5452461 PHOENIX-5452461 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF- 9 BK
5452462 PHOENIX-5452462 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF-10 BK
5452463 PHOENIX-5452463 Datasheet
98Kb / 4P
Printed-circuit board connector - BCH-381VF-11 BK
5452464 PHOENIX-5452464 Datasheet
98Kb / 4P
Printed-circuit board connector - BCH-381VF-12 BK
More results

Similar Description - 5452467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452468 PHOENIX-5452468 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF-16 BK
5452454 PHOENIX-5452454 Datasheet
98Kb / 4P
Printed-circuit board connector - BCH-381VF- 2 BK
5452455 PHOENIX-5452455 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF- 3 BK
5452459 PHOENIX-5452459 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF- 7 BK
5452461 PHOENIX-5452461 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF- 9 BK
5452466 PHOENIX-5452466 Datasheet
98Kb / 4P
Printed-circuit board connector - BCH-381VF-14 BK
5452469 PHOENIX-5452469 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF-17 BK
5452470 PHOENIX-5452470 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF-18 BK
5452471 PHOENIX-5452471 Datasheet
96Kb / 3P
Printed-circuit board connector - BCH-381VF-19 BK
5452472 PHOENIX-5452472 Datasheet
98Kb / 4P
Printed-circuit board connector - BCH-381VF-20 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com