Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

553236 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 553236
Description  Quarter turn actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

553236 Datasheet(HTML) 2 Page - Festo Corporation.

  553236 Datasheet HTML 1Page - Festo Corporation. 553236 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
3 - High corrosion stress
Ambient temperature
-50 °C ... 60 °C
Torque at nominal operating pressure and 0° swivel angle
180 Nm
Torque at nominal operating pressure and 50° swivel angle
90 Nm
Torque at nominal operating pressure and 90° swivel angle
120 Nm
Note about the torque
The actuator's operating torque must not be higher than the maximum
permissible torque listed in ISO 5211, based on the size of the mounting
flange and the coupling.
Spring return torque at 0° swivel angle
120 Nm
Spring return torque with 50° swivel angle
90 Nm
Spring return torque with 90° swivel angle
180 Nm
Spring force
4
Air consumption at 6 bar per cycle 0°-nominal swivel angle-0°
7 l
Product weight
8900 g
Shaft connection
T22
Pneumatic connection
G1/8
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Cover material
Wrought aluminum alloy
Seals material
FVMQ
PTFE-reinforced
Housing material
Wrought aluminum alloy
Material of screws
High-alloy steel
Shaft material
High-alloy steel
Material number for shaft
1.4305
8/9/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com