Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5-NF1/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R5-NF1/Q
Description  Remote I/O R5 Series T-Link INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-NF1/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R5-NF1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 4Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 5Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R5-NF1
R5-NF1 SPECIFICATIONS
ES-6134 Rev.4 Page 5/6
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
The data allocations for typical I/O modules are shown below.
Refer to the manual for each module for detailed data allocations.
■ANALOG 16 BITS DATA
0 to 100% of the selected I/O range is converted into 0 to 10000 (binary).
With °C or Kelvin temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data. For example, 135.4°F is
converted into 135.
Negative values are represented in 2’s complements.
0
15
■ 16-POINT DISCRETE DATA
0
15
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
:
:
Input 16 (Output 16)
0 : OFF
1 : ON
■ 4-POINT DISCRETE DATA
0
15
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
Input 4 (Output 4)
Not Used (Remains “0”)
0 : OFF
1 : ON
EXTERNAL DIMENSIONS unit: mm (inch)
36.5 (1.44)
90 (3.54)
LOCKING CLAMP
POSITIONING GUIDE
10
(.39)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com