Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC75-1024L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC75-1024L
Description  3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC75-1024L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC75-1024L Datasheet HTML 1Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 2Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 3Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 4Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 5Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 6Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ABC75 Series
tech.support@psbel.com
Operating Temperature
-40 to 0°C startup guaranteed, with spec deviation 5
-40 to +70°C
Storage Temperature
-40 to +85°C
Cooling
With natural convection cooling at 100 to 264 VAC
75 W
Relative Humidity
Noncondensing
5% to 95%
Altitude
Operating:
Nonoperating:
16,000 ft
40,000 ft.
Reliability
MTBF according to Telcordia -SR332-Issue 3
2.00 million hours
5
Output ripple can be more than 10% of the output voltage.
Convection load: 75W up to 50°C
De-rate above 50 °C @ 2.5% per °C
Power de-rating with Cover Kit
Convection load: 52.5W up to 50 °C
De-rate above 50 °C @ 2.5% per °C
Figure 1. Derating Curves



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com