| Electronic Components Datasheet Search |
|
OR3T20 Datasheet(PDF) 2 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3T20 Datasheet(HTML) 2 Page - Agere Systems |
|
2 / 210 page ![]() Table of Contents Contents Page Contents Page 2 Lucent Technologies Inc. Data Sheet June 1999 ORCA Series 3C and 3T FPGAs Features ......................................................................1 System-Level Features................................................6 Description...................................................................7 FPGA Overview ........................................................7 PLC Logic ..................................................................7 PIC Logic ...................................................................8 System Features .......................................................8 Routing ......................................................................8 Configuration .............................................................8 ORCA Foundry Development System ......................9 Architecture .................................................................9 Programmable Logic Cells ........................................11 Programmable Function Unit ..................................11 Look-Up Table Operating Modes ............................13 Supplemental Logic and Interconnect Cell (SLIC) ..21 PLC Latches/Flip-Flops ...........................................25 PLC Routing Resources ..........................................27 PLC Architectural Description .................................34 Programmable Input/Output Cells .............................36 5 V Tolerant I/O .......................................................37 PCI Compliant I/O ...................................................37 Inputs ......................................................................38 Outputs ....................................................................41 PIC Routing Resources ...........................................44 PIC Architectural Description ..................................45 High-Level Routing Resources..................................47 Interquad Routing ....................................................47 Programmable Corner Cell Routing ........................48 PIC Interquad (MID) Routing ...................................49 Clock Distribution Network ........................................50 PFU Clock Sources .................................................50 Clock Distribution in the PLC Array .........................51 Clock Sources to the PLC Array .............................52 Clocks in the PICs ...................................................52 ExpressCLK Inputs .................................................53 Selecting Clock Input Pins ......................................53 Special Function Blocks ............................................54 Single Function Blocks ............................................54 Boundary Scan ........................................................57 Microprocessor Interface (MPI) .................................64 PowerPC System ....................................................65 i960 System ............................................................66 MPI Interface to FPGA ............................................67 MPI Setup and Control ............................................68 Programmable Clock Manager (PCM) ......................72 PCM Registers ........................................................73 Delay-Locked Loop (DLL) Mode .............................75 Phase-Locked Loop (PLL) Mode ............................76 PCM/FPGA Internal Interface .................................79 PCM Operation .......................................................79 PCM Detailed Programming ...................................80 PCM Applications ....................................................83 PCM Cautions ........................................................ 84 FPGA States of Operation ........................................ 85 Initialization ............................................................. 85 Configuration .......................................................... 86 Start-Up .................................................................. 87 Reconfiguration ...................................................... 88 Partial Reconfiguration ........................................... 88 Other Configuration Options ................................... 88 Configuration Data Format ...................................... 89 Using ORCA Foundry to Generate Configuration RAM Data ....................................... 89 Configuration Data Frame ...................................... 89 Bit Stream Error Checking ...................................... 91 FPGA Configuration Modes...................................... 92 Master Parallel Mode ............................................. 92 Master Serial Mode ................................................ 93 Asynchronous Peripheral Mode ............................. 94 Microprocessor Interface (MPI) Mode .................... 94 Slave Serial Mode .................................................. 97 Slave Parallel Mode ............................................... 97 Daisy-Chaining ....................................................... 98 Daisy-Chaining with Boundary Scan ...................... 99 Absolute Maximum Ratings.................................... 100 Recommended Operating Conditions .................. 100 Electrical Characteristics ........................................ 101 Timing Characteristics ............................................ 103 Description ........................................................... 103 PFU Timing ......................................................... 104 PLC Timing ........................................................... 111 SLIC Timing .......................................................... 111 PIO Timing ........................................................... 112 Special Function Blocks Timing ........................... 115 Clock Timing ......................................................... 123 Configuration Timing ............................................ 133 Readback Timing ................................................. 142 Input/Output Buffer Measurement Conditions ........ 143 Output Buffer Characteristics ................................. 144 OR3Cxx ................................................................ 144 OR3Txxx .............................................................. 145 Estimating Power Dissipation ................................. 146 OR3Cxx ................................................................ 146 OR3Txxx (Preliminary Information) ...................... 147 Pin Information ....................................................... 149 Pin Descriptions ................................................... 149 Package Compatibility .......................................... 153 Compatibility with OR2C/TxxA Series .................. 154 Package Thermal Characteristics........................... 194 ΘJA ....................................................................... 194 ψJC ...................................................................... 194 ΘJC ...................................................................... 194 ΘJB ...................................................................... 194 FPGA Maximum Junction Temperature ............... 195 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |