Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9216 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9216
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216 Datasheet(HTML) 5 Page - Analog Devices

  AD9216 Datasheet HTML 1Page - Analog Devices AD9216 Datasheet HTML 2Page - Analog Devices AD9216 Datasheet HTML 3Page - Analog Devices AD9216 Datasheet HTML 4Page - Analog Devices AD9216 Datasheet HTML 5Page - Analog Devices AD9216 Datasheet HTML 6Page - Analog Devices AD9216 Datasheet HTML 7Page - Analog Devices AD9216 Datasheet HTML 8Page - Analog Devices AD9216 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary Technical Data
AD9216
Rev. PrD
Page 5 of 20
6/15/2004
AC SPECIFICATIONS
Table 4. (AVDD = 3 V, DRVDD = 2.5 V, Maximum Sample Rate, CLK_A = CLK_B; AIN = –0.5 dBFS Differential Input, 1.0 V
Internal Reference, TMIN to TMAX, unless otherwise noted.)
Test
AD9216BCP-65/80
AD9216BCP-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO
fINPUT = 2.4 MHz
25°C
V
58
57
dBc
fINPUT = 19.6 MHz
Full
V
58
dBc
25°C
IV
TBD
58
dBc
fINPUT = 32.5 MHz
Full
V
57
dBc
25°C
IV
TBD
57
dBc
fINPUT = 69 MHz
Full
V
dBc
25°C
IV
dBc
fINPUT = 100 MHz
25°C
V
57
56
dBc
SIGNAL-TO-NOISE AND DISTORTION RATIO
fINPUT = 2.4 MHz
25°C
V
58
57
dBc
fINPUT = 19.6 MHz
Full
V
58
dBc
25°C
IV
TBD
58
dBc
fINPUT = 32.5 MHz
Full
V
57
dBc
25°C
IV
TBD
56
dBc
fINPUT = 69 MHz
Full
V
dBc
25°C
IV
dBc
fINPUT = 100 MHz
25°C
V
56
55
dBc
EFFECTIVE NUMBER OF BITS (ENOB)
fINPUT = 2.4 MHz
25°C
V
9.4
9.3
Bits
fINPUT = 19.6 MHz
Full
V
9.4
Bits
25°C
I
TBD
9.4
Bits
fINPUT = 32.5 MHz
Full
V
9.3
Bits
25°C
I
TBD
9.1
Bits
fINPUT = 69 MHz
Full
V
Bits
25°C
I
Bits
fINPUT = 100 MHz
25°C
V
9.1
8.9
Bits
TOTAL HARMONIC DISTORTION
fINPUT = 2.4 MHz
25°C
V
- 70.0
- 70.0
dBc
fINPUT = 19.6 MHz
Full
V
- 69.0
dBc
25°C
I
- 70.0
TBD
dBc
fINPUT = 32.5 MHz
Full
V
- 69.0
dBc
25°C
I
- 68.0
TBD
dBc
fINPUT = 69 MHz
Full
V
dBc
25°C
I
dBc
fINPUT = 100 MHz
25°C
V
- 67.0
- 66.0
dBc
WORST HARMONIC (2nd or 3rd)
fINPUT = 19.6 MHz
Full
V
- 75.0
dBc
fINPUT = 32.5 MHz
Full
V
- 74.0
dBc
fINPUT = 69 MHz
Full
V
dBc
SPURIOUS FREE DYNAMIC RANGE
fINPUT = 2.4 MHz
25°C
V
75.0
75.0
dBc
fINPUT = 19.6 MHz
Full
V
75.0
dBc
25°C
I
TBD
75.0
dBc
fINPUT = 32.5 MHz
Full
V
74.0
dBc
25°C
I
TBD
74.0
dBc
fINPUT = 69 MHz
Full
V
dBc
25°C
I
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com