Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2118908-2 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # 2118908-2
Description  STANDARD AND CUSTOM ANTENNAS FOR IOT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118908-2 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button 2118908-2 Datasheet HTML 9Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 10Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 11Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 12Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 13Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 14Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 15Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 16Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT
PAGE 13
External
TE Part
Number
Product Image
Frequency
Band (MHz)
Wireless
Application
Mounting Type
VSWR
(Max)
Peak Gain
(dB)
Product
Length
(mm)
Product
Width
(mm)
Product
Height
(mm)
Remarks
2195729-1/-2
617 - 960
1427 - 1661
1710 - 2170
2500 - 2690
3300 - 4200
4400 - 5000
5150 - 5925
5G, 4G, 3G, 2G,
NB-IoT, Cat-M,
GNSS world
band
Terminal mount
Refer to
data sheet
Refer to
data sheet
135.7
20.1
-
• Terminal dipole
• -1 = black, -2 = white
• Mating connector type: SMA
2195775-1
433.05 -
434.79
ISM, Cellular
IoT
Terminal mount < 2.0:1
1
51
9.4
-
• Terminal monopole
• Mating connector type: SMA
2195632-1
880 - 960
1710 - 2330
3G, 2G
Terminal mount <3:1
2.5
47
7.8
-
• Terminal dipole
• Mating connector type: SMA
2195773-1
698 - 960
1710 - 2700
4G, 3G, 2G,
Wi-Fi
Terminal mount <3:1
Refer to
data sheet
115.5
17.75
-
• Terminal monopole
• Mating connector type: SMA
2195736-1
700 - 2700
4G, 3G, 2G
Terminal mount < 2.5:1
2.5
157
17.7
-
• Terminal dipole
• Mating connector type: SMA
2195771-1
698 - 960
1710 - 2700
3400 - 3800
5G, 4G, 3G, 2G,
Wi-Fi
External mount < 2.0:1
Refer to
data sheet
90
185.5
90
• External DAS dipole
• Ceiling/Support mount
• Cable lengths: 320 mm or custom
• Mating connector type: N female
(mounting clinch nuts)
2195772-1
2400 - 2500
Wi-Fi IoT
Terminal mount < 2.0:1
5
196
13
-
• Terminal dipole
• Mating connector type: RP-SMA
2195630-1
2400 - 2500
5150 - 5875
Wi-Fi IoT
Terminal mount < 2.0:1
2
108
10
-
• Terminal dipole
• Mating connector type: RP-SMA
4-1982564-1
2400 - 2500
5150 - 5875
Wi-Fi IoT
Terminal mount < 2.0:1
2
104
9.4
-
• Terminal dipole
• Cable lengths: multiple lengths available
or custom
• Mating connector type: MHF
2195774-1
1575 - 1602
GNSS
External mount < 2.0:1
>10 (LNA) 49.14
46.14
15.94
• External patch in plastic housing
• Cable lengths: 3000 mm or custom
• Active
• 3 V/10 mA
• Mating connector type: SMA (Magnetic
mount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com