Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FN-DC8C Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7FN-DC8C
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-DC8C Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7FN-DC8C Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-DC8C Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-DC8C Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-DC8C Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-DC8C Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R7FN-DC8C
R7FN-DC8C SPECIFICATIONS
ES-7808-U Rev.1 Page 1/5
https://www.m-system.co.jp/
Remote I/O R7 Series
FLEX NETWORK I/O MODULE
(8 points relay output)
Functions & Features
• 8 points relay output module for FLEX NETWORK
FLEX NETWORK is registered trademark of Digital
Electronics Corporation in Japan.
115 (4.53)
53 (2.09)
54 (2.13)
mm (inch)
MODEL:R7FN–DC8C-R[1]
ORDERING INFORMATION
• Code number: R7FN-DC8C-R[1]
Specify a code from below for [1].
(e.g. R7FN-DC8C-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
I/O TYPE
DC8C: Relay contact output, 8 points
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7808-DC16)
GENERAL SPECIFICATIONS
Connection: M3 separable screw terminal (torque 0.5 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
• Communication cable
Recommended manufacture: Japan Solderless Terminal
MFG.Co.Ltd
Applicable wire size: 0.2 to 0.5 mm2 (AWG 26 to 22)
• Others
Recommended manufacture: Japan solderless terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Output to FLEX NETWORK to power to FG
Output at the loss of communication:
Output hold (*), Output clear
Selectable with the front DIP SW
(*) factory default setting
Status indicator LED: PWR, RUN
(Refer to the instruction manual)
Discrete output status indicator LED: LED turns on with
output ON
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
FLEX NETWORK COMMUNICATION
Communication configuration: 1: N
Connection method: Multi-drop Connection
Communication method: Cyclic Time Division, half-duplex
Communication I/F: Differential, pulse transfer isolation
Error Check: Format, bit, CRC-12 verification
Max. Number of Nodes: 63 (1008 I/O points)
Required node: 1
Network cable: Pro-face’s following cable
FN-CABLE2010-31-MS (10 m)
FN-CABLE2050-31-MS (50 m)
FN-CABLE2200-31-MS (200 m)
Transmission distance: 12 Mbps: 100 meters (328 ft) (*)
6 Mbps: 200 meters (656 ft)
(*) Factory default setting
Station address: Rotary switch
(Refer to the instruction manual)
Terminating resistor: Built-in


Similar Part No. - R7FN-DC8C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-DC16A MSYSTEM-R7FN-DC16A Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16A-R MSYSTEM-R7FN-DC16A-R Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16A-R/Q MSYSTEM-R7FN-DC16A-R/Q Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16B MSYSTEM-R7FN-DC16B Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16B-R MSYSTEM-R7FN-DC16B-R Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
More results

Similar Description - R7FN-DC8C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-RS4 MSYSTEM-R7FN-RS4 Datasheet
176Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16B MSYSTEM-R7FN-DC16B Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16A MSYSTEM-R7FN-DC16A Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16B MSYSTEM-R7FN-DAC16B Datasheet
159Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-SV4 MSYSTEM-R7FN-SV4 Datasheet
173Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-SVF4 MSYSTEM-R7FN-SVF4 Datasheet
174Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-TS4 MSYSTEM-R7FN-TS4 Datasheet
179Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-YS2 MSYSTEM-R7FN-YS2 Datasheet
161Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com