Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FN-DA16-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7FN-DA16-R
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-DA16-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7FN-DA16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R7FN-DA16
R7FN-DA16 SPECIFICATIONS
ES-7808-F Rev.0 Page 5/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
4
1
2
5
3
6
7
24V DC
FG
JP–
JP+
TR–
TR+
0V
1
5
10
2
6
4
7
13
8
9
14
12
15
11
16
17
18
COM
X2
X4
X6
X8
XA
XC
XE
X1
XF
X3
X5
X7
X9
XB
XD
X0
3
COM
1
18
COM
X0
10
COM
2
XF
PNP Connection
1
18
COM
X0
10
COM
2
XF
NPN Connection
+
+
1
18
COM
X0
■ Input Circuit
10
COM
2
XF
■ Input Connection Example
Input Circuit
Control
Circuit
Comm.
Circuit
Isolation
Control
Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com