Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F4HEIP-DAC16C-4-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7F4HEIP-DAC16C-4-R
Description  Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4HEIP-DAC16C-4-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7F4HEIP-DAC16C-4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4HEIP-DAC16C-4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4HEIP-DAC16C-4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4HEIP-DAC16C-4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4HEIP-DAC16C-4-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R7F4HEIP-DAC16C
R7F4HEIP-DAC16C SPECIFICATIONS
ES-8005-E Rev.0 Page 5/5
https://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm [inch]
125 [4.92]
2-M4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
*1. The network cable can be connected to either one.
*1
EtherNet/IP RJ-45 MODULAR JACK
*1
EtherNet/IP RJ-45 MODULAR JACK
Control
Circuit
3
4
2
25
26
24
1
14
29
30
28
51
52
50
27
40
4
5
3
1
2
24V DC
FE
NC
NC
0V
+24V1
X7
GND1
+24V2
Y0
GND2
+24V2
Y7
GND2
+24V1
GND1
+24V2
GND2
+24V1
X0
GND1
Detecting
Circuit
Detecting
Circuit
Isolation
OUTPUT Y0
OUTPUT Y7
EXC. SUPPLY (IN)
INPUT X0
INPUT X7
EXC. SUPPLY (IN)
Isolation
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com