Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F4DH Datasheet(PDF) 40 Page - M-System Co.,Ltd.

Part # R7F4DH
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH Datasheet(HTML) 40 Page - M-System Co.,Ltd.

Back Button R7F4DH Datasheet HTML 36Page - M-System Co.,Ltd. R7F4DH Datasheet HTML 37Page - M-System Co.,Ltd. R7F4DH Datasheet HTML 38Page - M-System Co.,Ltd. R7F4DH Datasheet HTML 39Page - M-System Co.,Ltd. R7F4DH Datasheet HTML 40Page - M-System Co.,Ltd. R7F4DH Datasheet HTML 41Page - M-System Co.,Ltd. R7F4DH Datasheet HTML 42Page - M-System Co.,Ltd. R7F4DH Datasheet HTML 43Page - M-System Co.,Ltd. R7F4DH Datasheet HTML 44Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 40/77
http://www.m-system.co.jp/
Control
Circuit
Comm.
Circuit
SLD
NC
NC
NC
TXD+ (TR+)
TXD− (TR–)
RXD+ (NC)
RXD− (NC)
1
2
4
3
6
5
8
7
SLD
NC
NC
NC
TXD+ (TR+)
TXD− (TR–)
RXD+ (NC)
RXD− (NC)
1
2
4
3
6
5
8
7
Y3
Power
Circuit
1
2
4
5
3
1
2
4
5
3
OUTPUT Y0
OUTPUT Y7
.
.
.
.
.
.
.
.
X3
X2
X1
X0
X7
X6
X5
X4
Y2
Y1
Y0
Y7
Y6
Y5
Y4
+24V
+24V
GND
GND
■ TERMINAL BLOCK CODE 3
SNSR.EXC+
SNSR.EXC–
FE
PWR–
PWR+
POWER SUPPLY (IN)
SENSOR EXC. (IN)
SNSR.EXC+
SNSR.EXC–
FE
PWR–
PWR+
POWER SUPPLY (OUT)
SENSOR EXC. (OUT)
INPUT X0
Detecting Circuit
INPUT X7
Detecting Circuit
HLS1
HLS2
Isolation
■ 2-Wire Sensor
.
.
.
.
.
20
18
14
16
12
10
6
8
19
17
13
15
11
9
5
7
4
3
1
2
+24V
+24V
Xn
Detecting Circuit
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com