Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7D-SV4 Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # R7D-SV4
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-SV4 Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button R7D-SV4 Datasheet HTML 6Page - M-System Co.,Ltd. R7D-SV4 Datasheet HTML 7Page - M-System Co.,Ltd. R7D-SV4 Datasheet HTML 8Page - M-System Co.,Ltd. R7D-SV4 Datasheet HTML 9Page - M-System Co.,Ltd. R7D-SV4 Datasheet HTML 10Page - M-System Co.,Ltd. R7D-SV4 Datasheet HTML 11Page - M-System Co.,Ltd. R7D-SV4 Datasheet HTML 12Page - M-System Co.,Ltd. R7D-SV4 Datasheet HTML 13Page - M-System Co.,Ltd. R7D-SV4 Datasheet HTML 14Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 10/38
http://www.m-system.co.jp/
• Input Data (output data length: 16 bit)
0
15
Output 0 : ON
Output 0 : OFF
Output 1 : ON
Output 1 : OFF
Output 3 : OFF
Output 4 : ON
Output 2 : ON
Output 2 : OFF
Output 3 : ON
Output 5 : OFF
Output 6 : ON
Output 4 : OFF
Output 5 : ON
Output 7 : ON
Output 7 : OFF
Output 6 : OFF
0
15
16-bit binary data
Negative values represented in 2
’s complements
■ ANALOG I/O
0
15
Input 0 (Burnout, input range error)
Input 1 (Burnout, input range error)
Input 2 (Burnout, input range error)
Unused
Input 3 (Burnout, input range error)
Input 0 (ADC error)
Input 1 (ADC error)
Input 2 (ADC error)
Input 3 (ADC error)
:
:
:
Network power supply
Basic module external power supply (R7D-DA16, -DC16x, -YS2A, -YV2A)
Unused
Extension module external power supply
Burnout, input range error (≤ -15%, ≥ +115%)
0 : Normal
1 : Error
ADC error (no response from ADC)
0 : Normal
1 : Error
Power supply
0 : Normal
1 : Error
■ STATUS
Bit 0 to 7:
Analog input modules (models: R7D-SV4, R7D-TS4, R7D-RS4, R7D-MS4, R7D-CT4E) can show input status
of each channel.
Analog output modules (models: R7D-YS2, R7D-YS2A, R7D-YV2, R7D-YV2A), discrete I/O modules (models:
R7D-DA16, R7D-DCx) and remote control relay control module (model: R7D-RR8) shows ‘0’ at the same address.
Bit 8 to 10: Shows the power supply status.
Note: No status in R7D-DC8C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com