Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7D-SV4-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7D-SV4-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-SV4-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7D-SV4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7D-SV4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7D-SV4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7D-SV4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7D-SV4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7D-SV4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7D-SV4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7D-SV4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7D-SV4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 5/46
http://www.m-system.co.jp/
0
1 2 3 4 5 6 7 8 9 A B C D E F
10
11
12
13
2
3
4
1
15
16
17
18
7
8
9
6
14
5
Discrete I/O Status Indicator LED
I/O Terminals
DISCRETE, 16 POINTS
CONNECTION DIAGRAMS
ID
1
2
3
4
5
6
7
NO.
FUNCTION, NOTES
DB
SLD
FG
DA
DG
U (+)
V (-)
White
Shield
FG
Blue
Yellow
Power input
Power input
4
DA
5
DG
6
U (+)
1
DB
2
SLD
3
FG
7
V (-)
R7C-RR4, PA8, YV4 and YS4
ID
1
2
3
4
5
6
7
NO.
FUNCTION, NOTES
■ POWER SUPPLY, CC-LINK TERMINAL ASSIGNMENT
DB
SLD
FG
DA
DG
+24 V
0 V
White
Shield
FG
Blue
Yellow
Power input (24 V DC)
Power input (0 V DC)
4
DA
5
DG
6
+24 V
1
DB
2
SLD
3
FG
7
0V
• Except R7C-RR4, PA8, YV4 and YS4
DA
DB
DG
SLD
FG
Master Unit
DA
DB
DG
SLD
FG
Remote Unit
DA
DB
DG
SLD
FG
Remote Unit
TERMINATOR
TERMINATOR
blue
white
yellow
Be sure to connect the terminating resistor included in the product package to the unit at both ends of transmission line.
Or turn the terminating resistor SW ON for models with the resistor incorporated.
The terminator must be connected across DA and DB.
The Master Unit can be located other than at the extreme ends of transmission line.
■ MASTER CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com