Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7E-RS4-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7E-RS4-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-RS4-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button R7E-RS4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 9Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 6/31
http://www.m-system.co.jp/
MODBUS I/O ASSIGNMENT
0
15
Input 0 (Burnout, input range error)
Input 1 (Burnout, input range error)
Input 2 (Burnout, input range error)
Unused
Input 3 (Burnout, input range error)
Input 0 (ADC error)
Input 1 (ADC error)
Input 2 (ADC error)
Input 3 (ADC error)
:
Unused
Burnout, input range error (≤-15%, ≥+115%)
0 : Normal
1 : Error
ADC error (no response from ADC)
0 : Normal
1 : Error
■ STATUS
Analog input modules (models: R7E-SV4, R7E-TS4, R7E-RS4, R7E-MS4, R7E-CT4E) can show input status of each channel.
Analog output modules (models: R7E-YS2, R7E-YV2)
, discrete I/O modules (models: R7E-DA16, R7E-DC16A, R7E-DC16B)
and totalized pulse input (model: R7E-PA8) show ‘0’ at the same address.
ADDRESS
DATA TYPE
DATA
Coil (0X)
1 – 16
Digital Output (discrete output of the basic module)
17 – 32
Digital Output (discrete output of the extension module)
Inputs (1X)
1 – 16
Digital Input (discrete input of the basic module)
17 – 32
Digital Input (discrete input of the extension module)
33 – 48
Reserved (unused)
49 – 64
Module Status
65 – 80
Reserved (unused)
Input Registers (3X)
1 – 4
I
Analog Input
5 – 16
----
Reserved (unused)
17 – 24
F
Analog Input
25 – 48
----
Reserved (unused)
Holding Registers (4X)
1 – 2
I
Analog Output
3 – 16
----
Reserved (unused)
17 – 20
F
Analog Output
21 – 48
----
Reserved (unused)
I : Integer, -1500 – +11500 (-15 – +115%)
F : Floating
Note: DO NOT access addresses other than mentioned above. Such access may cause problems such as inadequate operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com