Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7D-MS4 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7D-MS4
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-MS4 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7D-MS4 Datasheet HTML 1Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 2Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 3Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 4Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 5Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 6Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 7Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 8Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 1/38
http://www.m-system.co.jp/
Remote I/O R7 Series
DeviceNet I/O MODULE
ORDERING INFORMATION
• Basic module: R7D-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R7D-DC16A/UL)
• Specify the specification for option code /Q
(e.g. /C01)
• Extension module: R7D-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R7D-EC16A/UL)
• Specify the specification for option code /Q
(e.g. /C01)
BASIC MODULE: R7D-[1][2]
[1] I/O TYPE
DA16: Discrete input, 16 points
DC16A: NPN transistor output, 16 points
DC16B: PNP transistor output, 16 points
DC8C: Relay contact output, 8 points
(Option /UL Not selectable)
(Not usable with ‘extension’ modules)
RR8: Remote control relay control, 8 points
(CE not available. Option /UL Not selectable)
SV4: DC voltage/current input (10 V/20 mA), 4 points
TS4: Thermocouple input, 4 points
RS4: RTD input, 4 points
MS4: Potentiometer input, 4 points
(Option /UL Not selectable)
CT4E: AC current input, 4 points, clamp-on current
sensor CLSE use (Option /UL Not selectable)
PA8: Totalized pulse input, 8 points,
(Option /UL not selectable)
YV2: DC voltage output, 2 points
YV2A: DC voltage output, external power supply, 2 points
YS2: DC current output, 2 points
YS2A: DC current output, external power supply, 2 points
[2] OPTIONS
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
(UL not available)
EXTENSION MODULE: R7D-[1][2]
[1] I/O TYPE
EA8: Discrete input, 8 points
EA16: Discrete input, 16 points
EC8A: NPN transistor output, 8 points
EC16A: NPN transistor output, 16 points
EC8B: PNP transistor output, 8 points
EC16B: PNP transistor output, 16 points
[2] OPTIONS
STANDARDS & APPROVALS
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
(UL not available)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
The R7D interfaces analog and discrete I/O signals with a
PLC or PC via DeviceNet.
A ‘basic’ module can be attached with an ‘extension’
module.
(R7D-DC8C can not be attached with an ‘extension’
module.)
By combining two modules, single station can handle mixed
analog and discrete signals, 32-point discrete inputs, 32-
point discrete outputs, 16-point discrete I/Os and other
combinations of signals.
Input sensor type (thermocouple, RTD) and range can be
selected with the front DIP switches for all channels. In
order to set different selections for individual channels,
zero/span adjustments, scaling and temperature unit, use
the PC Configurator Software (model: R7CON)


Similar Part No. - R7D-MS4

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7D-MS4-AR MSYSTEM-R7D-MS4-AR Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7D-MS4-AR/Q MSYSTEM-R7D-MS4-AR/Q Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7D-MS4-AR/UL MSYSTEM-R7D-MS4-AR/UL Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7D-MS4-R MSYSTEM-R7D-MS4-R Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7D-MS4-R/Q MSYSTEM-R7D-MS4-R/Q Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
More results

Similar Description - R7D-MS4

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-DC8C MSYSTEM-R7FN-DC8C Datasheet
158Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16A MSYSTEM-R7FN-DC16A Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7C MSYSTEM-R7C Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7FN-YS2 MSYSTEM-R7FN-YS2 Datasheet
161Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7L MSYSTEM-R7L Datasheet
608Kb / 26P
Remote I/O R7 Series LonWorks I/O MODULE
R7M MSYSTEM-R7M Datasheet
1Mb / 39P
Remote I/O R7 Series MODBUS I/O MODULE
R7ML MSYSTEM-R7ML Datasheet
1Mb / 40P
Remote I/O R7 Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com