Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7D-YB2A/Q Datasheet(PDF) 18 Page - M-System Co.,Ltd.

Part # R7D-YB2A/Q
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-YB2A/Q Datasheet(HTML) 18 Page - M-System Co.,Ltd.

Back Button R7D-YB2A/Q Datasheet HTML 14Page - M-System Co.,Ltd. R7D-YB2A/Q Datasheet HTML 15Page - M-System Co.,Ltd. R7D-YB2A/Q Datasheet HTML 16Page - M-System Co.,Ltd. R7D-YB2A/Q Datasheet HTML 17Page - M-System Co.,Ltd. R7D-YB2A/Q Datasheet HTML 18Page - M-System Co.,Ltd. R7D-YB2A/Q Datasheet HTML 19Page - M-System Co.,Ltd. R7D-YB2A/Q Datasheet HTML 20Page - M-System Co.,Ltd. R7D-YB2A/Q Datasheet HTML 21Page - M-System Co.,Ltd. R7D-YB2A/Q Datasheet HTML 22Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 18/38
http://www.m-system.co.jp/
REMOTE CONTROL RELAY CONTROL MODULE, 8 points
MODEL: R7D-RR8
RECOMMENDED PRODUCTS (OPERATION CHECKED)
Remote control relay:
BR-12D, BR-22D (Mitsubishi Electric)
WR6165 (Panasonic)
Remote control transformer:
BRT-10B, BRT-20B (Mitsubishi Electric)
WR2301 (Panasonic)
SPECIFICATIONS
Common: 1 common per 8 points (8 terminals)
Number of I/O: Output, 8 points
Maximum outputs applicable at once: No limit
I/O status indicator: Feedback input status turns on with the
input supplied.
Output status LED turns on with the output ON.
Isolation: Output to DeviceNet
Rated load voltage: 24 V AC ±10 % (supplied by the remote
control transformer)
Load voltage frequency: 50 / 60 Hz
OPERATING MODE SETTING
(*) Factory setting
Note: SW1-4 through SW1-8 are unused. Be sure to turn off
unused ones.
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
• Output data length (SW1-3)
SW1-3
Output data length
OFF
16 bits (*)
ON
8 bits
TERMINAL ASSIGNMENTS
10
NC
11
Y0
12
Y1
1
NC
2
C0
3
C1
13
Y2
4
C2
14
Y3
5
C3
15
Y4
6
C4
16
Y5
7
C5
17
Y6
8
C6
9
C7
18
Y7
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
NC
No connection
2
C0
Common 0
11
Y0
Output 0
3
C1
Common 1
12
Y1
Output 1
4
C2
Common 2
13
Y2
Output 2
5
C3
Common 3
14
Y3
Output 3
6
C4
Common 4
15
Y4
Output 4
7
C5
Common 5
16
Y5
Output 5
8
C6
Common 6
17
Y6
Output 6
9
C7
Common 7
18
Y7
Output 7
CIRCUIT DIAGRAM
Control
Circuit
Comm.
Circuit
V+
CAN_H
Drain
CAN_L
V−
11
13
1
2
4
3
14
7
5
15
17
16
8
6
18
9
10
Y0
Y1
C1
Y2
C2
Y3
C3
Y4
C4
Y5
C5
Y6
C6
Y7
C7
C0
12
Output Circuit
■ Output Connection Example
11
2
C0
Y0
9
C7
18
Y7
Remote
Control
Transformer
blue
white
Remote
Control
Relay
red
blue
Remote
Control
Relay
red
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com