Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7D-YS2A/UL Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7D-YS2A/UL
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-YS2A/UL Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7D-YS2A/UL Datasheet HTML 1Page - M-System Co.,Ltd. R7D-YS2A/UL Datasheet HTML 2Page - M-System Co.,Ltd. R7D-YS2A/UL Datasheet HTML 3Page - M-System Co.,Ltd. R7D-YS2A/UL Datasheet HTML 4Page - M-System Co.,Ltd. R7D-YS2A/UL Datasheet HTML 5Page - M-System Co.,Ltd. R7D-YS2A/UL Datasheet HTML 6Page - M-System Co.,Ltd. R7D-YS2A/UL Datasheet HTML 7Page - M-System Co.,Ltd. R7D-YS2A/UL Datasheet HTML 8Page - M-System Co.,Ltd. R7D-YS2A/UL Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 4/38
http://www.m-system.co.jp/
0
1 2 3 4 5 6 7 8 9 A B C D E F
10
11
12
13
2
3
4
1
15
16
17
18
7
8
9
6
14
5
Discrete I/O Status Indicator LED
I/O Terminals
• DISCRETE, 16 POINTS
CONNECTION DIAGRAMS
■ DeviceNet TERMINAL ASSIGNMENT
NO.
ID
FUNCTION, NOTES
1
V+
Network power supply +
2
CAN_H
Network data High
3
Drain
Shield
4
CAN_L
Network data Low
5
V–
Network power supply –
2
3
4
1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com