Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7G4HEIP-6-DA16-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7G4HEIP-6-DA16-R
Description  Remote I/O R7G4H Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HEIP-6-DA16-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7G4HEIP-6-DA16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HEIP-6-DA16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HEIP-6-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HEIP-6-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HEIP-6-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R7G4HEIP-6-DA16
R7G4HEIP-6-DA16 SPECIFICATIONS
ES-8004-A Rev.0 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
1
5
10
2
6
4
7
13
8
9
14
12
15
11
16
17
18
Control
Circuit
3
6
7
24V DC
0V
3
2
4
5
1
FE
NC
NC
NC
NC
18
X0
COM
X15
+
X0
COM
+
COM
COM
X2
X4
X6
X8
X10
X12
X14
X1
X15
X3
X5
X7
X9
X11
X13
X0
1
2
1
2
18
X15
1
COM
COM
10
10
2
COM
10
COM
X0
18
X15
EtherNet/IP
RJ-45 Modular Jack
EtherNet/IP
RJ-45 Modular Jack
Input Circuit
Comm. Circuit
*1. The network cable can be connected to either one.
*1
*1
■ Input Connection Examples
■ Input Circuit
Control
Circuit
PNP Connection
NPN Connection
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com