Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7G4HML3-6-PA1A1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1A1-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1A1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7G4HML3-6-PA1A1-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 1/10
http://www.m-system.co.jp/
Remote I/O R7G4H Series
MECHATROLINK I/O MODULE
(encoder input, 1 point, screw terminal block,
MECHATROLINK- III use)
Functions & Features
• 1 point encoder input (speed / position) module for
MECHATROLINK- III
• Easy parameter setting with M-System's configurator
software
55 (2.17)
mm (inch)
57 (2.24)
130 (5.12)
MODEL: R7G4HML3-6-PA1[1]–R[2]
ORDERING INFORMATION
• Code number: R7G4HML3-6-PA1[1]-R[2]
Specify a code from below for each of [1] and [2].
(e.g. R7G4HML3-6-PA1A7-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
TERMINAL BLOCK
6: Screw terminal block for power supply
Connector for MECHATROLINK- III
Screw terminal block for I/O
I/O TYPE
PA1: Encoder input (speed / position) 1 point
[1] INPUT
A1: 5 V open collector
A4: 12 V open collector
A7: 24 V open collector
J: RS-422 line driver pulse
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7772-PA1)
RELATED PRODUCTS
• PC configurator software (model: R7CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
MECHATROLINK-III: MECHATROLINK-III connector
Power input, I/O: M3 separable screw terminal (torque 0.5
N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input or output or sensor excitation to
MECHATROLINK or FE to power
Status indicator LEDs: PWR, ERR, CON, LNK1, LNK2
(Refer to the instruction manual for details)
Parameter setting: With PC configurator software (model:
R7CFG)
• Data type
• Count mode
• Counter type
• Frequency range
• Drop out
• MECHATROLINK-III command


Similar Part No. - R7G4HML3-6-PA1A1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7G4HML3-6-LC2 MSYSTEM-R7G4HML3-6-LC2 Datasheet
250Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-LC2-R MSYSTEM-R7G4HML3-6-LC2-R Datasheet
250Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-LC2-R/F1 MSYSTEM-R7G4HML3-6-LC2-R/F1 Datasheet
250Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-LC2-R/F2K MSYSTEM-R7G4HML3-6-LC2-R/F2K Datasheet
250Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-LC2-R/Q MSYSTEM-R7G4HML3-6-LC2-R/Q Datasheet
250Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
More results

Similar Description - R7G4HML3-6-PA1A1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7G4HML3-6-LC2 MSYSTEM-R7G4HML3-6-LC2 Datasheet
250Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-LC2A MSYSTEM-R7G4HML3-6-LC2A Datasheet
238Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-STYVS1 MSYSTEM-R7G4HML3-6-STYVS1 Datasheet
252Kb / 9P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-SV4 MSYSTEM-R7G4HML3-6-SV4 Datasheet
254Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-SVF4 MSYSTEM-R7G4HML3-6-SVF4 Datasheet
255Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-TS4 MSYSTEM-R7G4HML3-6-TS4 Datasheet
261Kb / 9P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-YSF4 MSYSTEM-R7G4HML3-6-YSF4 Datasheet
245Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-YVF4 MSYSTEM-R7G4HML3-6-YVF4 Datasheet
254Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML-6-SVF8N MSYSTEM-R7G4HML-6-SVF8N Datasheet
270Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML-6-YVF4 MSYSTEM-R7G4HML-6-YVF4 Datasheet
256Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com