Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7G4HML3-6-TS4-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-TS4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-TS4-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4HML3-6-TS4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: R7G4HML3-6-TS4
R7G4HML3-6-TS4 SPECIFICATIONS
ES-7772-C Rev.0 Page 3/9
http://www.m-system.co.jp/
25°C ±10°C); ±1.8°F maximum (at 77°F ±18°F)
(±1.5°C or ±2.7°F for R, S, PR)
Cold junction compensation is not available for B
thermocouple.
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
R, S, C & PR; ±0.03 %/°C (±0.02 %/°F)
B: ±0.05 %/°C (±0.03 %/°F)
Input delay time: ≤ 60 msec. (0 - 90 %)
Burnout response time: ≤ 1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Isolation: 1500 V AC @ 1 minute
(input 0 to input 1 to input 2 to input 3 MECHATROLINK or
FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ SETTINGS FOR INDIVIDUAL CHANNELS
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Validating/
Invalidating
Valid
Invalid
Valid
Sensor type
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
P (Platinel II)
(PR)
K (CA)
Temperature unit
°C
°F
K
°C
Burnout
Up
Down
Up
Bias adjustment
-320.00 - +320.00 (%) 0.00 (%)
Gain adjustment
-3.2000 - +3.2000
1.0000
Zero scale
-32000 - +32000
0
Full scale
-32000 - +32000
10000
Input 0 %
Depends on sensor
type
0.00
Input 100 %
Depends on sensor
type
0.00
■ SETTINGS FOR ALL CHANNELS
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Averaging
Valid
Invalid
Valid



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com