Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7G4HML3-6-YSF4-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-YSF4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-YSF4-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7G4HML3-6-YSF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-YSF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-YSF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-YSF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-YSF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-YSF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-YSF4-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: R7G4HML3-6-YSF4
R7G4HML3-6-YSF4 SPECIFICATIONS
ES-7772-G Rev.0 Page 5/7
http://www.m-system.co.jp/
RESPONSE TIME
Response time of analog output module is time form when 0 to 100% stepwise signal change is received by the communication
ASIC of the module (slave) till when the analog output signal reaches 90%.
TCOM: MECHATROLINK-III transmission cycle set at master
(depends on system and configuration)
TOUT: Output module response time ≤ Output internal processing delay time (Td) (one minimum transmission cycle the unit can
handle) + Conversion rate (Te) + Output Delay time (Tf)
E.g.: MECHATROLINK-III transmission cycle of 1 msec.
Output module response time (TOUT): Output internal processing delay time (0.125 msec.) Conversion rate (0.2 msec.) + Output
Delay time (0.25 msec.) = 0.575 [msec.]
OUTPUT MODULE
MECHATROLINK-III
TRANSMISSION CYCLE
TRANSMISSION FROM
SLAVE COMMUNICATION ASIC
TOUT
Tf
Td
TCOM
TRANSMISSION TO
A HOST (MASTER)
I/O DATA DESCRIPTIONS
Scaling of analog output module is configurable with the configurator software (model: R7CFG). Refer to the software manual
for details.
Data is represented in 16-bit binary. Negative value is represented in 2’s complements.
0
7
Byte n+1
Byte n
0 7
■ ANALOG OUTPUT
■ STATUS
Wire breakdown detection
0: Normal
1: Breakdown
0
7
Byte13
Byte12
0 7
CH0 (wire breakdown detection)
CH1 (wire breakdown detection)
CH2 (wire breakdown detection)
CH3 (wire breakdown detection)
Not used (fixed to 0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com