Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7G4HML3-6-YVF4-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-YVF4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-YVF4-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4HML3-6-YVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-YVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-YVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-YVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-YVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-YVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-YVF4-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R7G4HML3-6-YVF4
R7G4HML3-6-YVF4 SPECIFICATIONS
ES-7772-F Rev.0 Page 3/7
http://www.m-system.co.jp/
EXTERNAL VIEW
Status Indicator Led
Station Address Setting
Rotary SW
Output Terminals
Power Supply Terminals
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
PC Configurator Jack
PWR
SA1
×10
SA2
×1
LNK2
CON
LNK1
ERR
LNK1
LNK2
CNFG
MECHATROLINK- III
Connectors
TERMINAL ASSIGNMENTS
■OUTPUT TERMINAL ASSIGNMENT
14
5
6
NC
VL1
COM2
15
VH2
16
17
18
7
8
9
NC
VH3
NC
VL2
COM3
10
1
2
NC
NC
COM0
11
VH0
12
13
3
4
NC
VH1
VL0
COM1
VL3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
NC
No connection
2
COM0 Common 0
11
VH0
Wide span vlolt. 0
3
VL0
Narrow span volt. 0
12
NC
No connection
4
COM1 Common 1
13
VH1
Wide span vlolt. 1
5
VL1
Narrow span volt. 1
14
NC
No connection
6
COM2 Common 2
15
VH2
Wide span vlolt. 2
7
VL2
Narrow span volt. 2
16
NC
No connection
8
COM3 Common 3
17
VH3
Wide span vlolt. 3
9
VL3
Narrow span volt. 3
18
NC
No connection
■POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
6
7
1
2
3
NC
+24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com