Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC244DMQB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC244DMQB
Description  Octal Buffers/Line Drivers With 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC244DMQB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54AC244DMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 5Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 6Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 7Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 8Page - National Semiconductor (TI) 54AC244DMQB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MICROCIRCUIT DATA SHEET
MN54AC244-X REV 1B1
Features
-
Icc and Ioz reduced by 50%
-
TRI-STATE outputs drive bus lines or buffer memory address registers
-
Ouptus source/sink 24 mA
Standard Military Drawing (SMD)
54AC244DMQB
5962-8755201RA
54AC244FMQB
5962-8755201SA
54AC244LMQB
5962-87552012A
54AC244WG-QML
5962-8755201ZA
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com