Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI29FCT521T Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI29FCT521T
Description  FAST CMOS MULTILEVEL PIPELINE REGISTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI29FCT521T Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI29FCT521T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI29FCT521T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI29FCT521T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI29FCT521T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI29FCT521T Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI29FCT520/521T/2520T
MULTILEVEL PIPELINE REGISTERS
3
PS2002B 12/10/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ................................................................. –55°C to +125°C
Ambient Temperature with Power Applied ................................. -40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .......... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ....... –0.5V to +7.0V
DC Input Voltage ......................................................................... –0.5V to +7.0V
DC Output Current ................................................................................... 120 mA
Power Dissipation ......................................................................................... 0.5W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters
(4)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
Notes:
1. For conditions show as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device
type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is determined by device characterization but is not production tested.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ± 5%)
Parameters
Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
VOH
Output HIGH Voltage
VCC = MIN., VIN = VIH OR VIL
IOH = –15.0 mA
2.4
3.0
V
VOL
Output LOW Voltage
VCC = MIN., VIN = VIH OR VIL
IOL = 48 mA
0.3
0.50
V
IOL = 12 mA (25
Ω series)
0.3
0.50
V
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
VCC = MAX.VIN = VCC
1µA
IIL
Input LOW Current
VCC = MAX.VIN = GND
–1
µA
IOZH
High Impedance
VCC = MAX.VOUT = 2.7V
1
µA
IOZL
Output Current
VOUT = 0.5V
–1
µA
VIK
Clamp Diode Voltage
VCC = MIN., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = MAX.
(3), VOUT = GND
–60
–120
mA
IOFF
Power Down Disable
VCC = GND, VOUT = 4.5V
—
—
100
µA
VH
Input Hysteresis
200
mV
FCT520.pm6
12/18/96, 4:44 PM
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com