Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC200GL Datasheet(PDF) 44 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 44 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 48Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
44
Acceptable Commands During Suspend (tPSL/tESL not required)
Instruction Name
Instruction code
Suspend Type
Program Suspend
Erase Suspend
Write Disable
04H
*
*
Read Status Register-1
05H
*
*
Read Status Register-2
35H
*
*
Read Security Register
48H
*
*
Active Status Interrupt
25H
*
*
Release Powen-down/Device ID
ABH
*
*
Enable Reset
66H
*
*
Reset Device
99H
*
*
tPSL : Program Suspend Latency; tESL : Erase Suspend Latency.
Program/Erase Resume (7Ah)
The Program/Erase Resume instruction “7Ah” must be written to resume the Program or Page / Sector
/Block Erase operation after the Program/Erase Suspend. The Program/Erase Resume instruction “7Ah”
will be accepted by the device only if the SUS bit in the Status Register equals to 1 and the WIP bit equals
to 0. After issued the SUS bit will be cleared from 1 to 0 immediately, the WIP bit will be set from 0 to 1
within 200ns and the Page, Sector or 32/64KBlock will complete the program/erase operation. If the SUS
bit equals to 0 or the WIP bit equals to 1, the Program/Erase Resume instruction “7Ah” will be ignored by
the device. The Program/Erase Resume instruction sequence is shown in Figure34.
Program/Erase Resume instruction is ignored if the previous Program/Erase Suspend operation was
interrupted by unexpected power off. It is also required that a subsequent Program/Erase Suspend
instruction not to be issued within a minimum of time of “tSUS” following a previous Resume instruction.
Figure33. Program/Erase Suspend Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com