Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC160GLFMTH Datasheet(PDF) 40 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLFMTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLFMTH Datasheet(HTML) 40 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLFMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC160GLFMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC160GLFMTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC160GLFMTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC160GLFMTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC160GLFMTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC160GLFMTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC160GLFMTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC160GLFMTH Datasheet HTML 44Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
40
Read JEDEC ID (9FH)
The JEDEC ID instruction allows the 8-bit manufacturer identification to be read, followed by two bytes of
device identification. The device identification indicates the memory type in the first byte, and the memory
capacity of the device in the second byte. JEDEC ID instruction while an Erase or Program cycle is in
progress, is not decoded, and has no effect on the cycle that is in progress. The JEDEC ID instruction
should not be issued while the device is in Deep Power-Down Mode.
See Figure 23.a (SPI mode) & Figure 23.b (QPI mode), the device is first selected by driving /CS to low.
Then, the 8-bit instruction code for the instruction is shifted in. This is followed by the 24-bit device
identification, stored in the memory, being shifted out on Serial Data Output, each bit being shifted out
during the falling edge of Serial Clock. The JEDEC ID instruction is terminated by driving /CS to high at any
time during data output. When /CS is driven high, the device is put in the Standby Mode. Once in the
Standby Mode, the device waits to be selected, so that it can receive, decode and execute instructions.
Figure23 a. JEDEC ID Sequence Diagram (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com